Electronic Components Datasheet Search
  English  ▼

X  

2SC2344 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC2344
Description  High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC2344 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC2344 Datasheet HTML 1Page - Sanyo Semicon Device 2SC2344 Datasheet HTML 2Page - Sanyo Semicon Device 2SC2344 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SC2344

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC2344 SAVANTIC-2SC2344 Datasheet
139Kb / 5P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC2344 JMNIC-2SC2344 Datasheet
214Kb / 5P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2344 ISC-2SC2344 Datasheet
180Kb / 5P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2344 SAVANTIC-2SC2344 Datasheet
141Kb / 5P
Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
2SC2344 FOSHAN-2SC2344 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
More results

Similar Description - 2SC2344

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1207 SANYO-2SA1207 Datasheet
108Kb / 4P
High-Voltage Switching, AF 60W Predriver Applications
2SA1208 SANYO-2SA1208 Datasheet
107Kb / 4P
High-Voltage Switching, Audio 80W Output Predriver Applications
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
160V/140mA High-Voltage Switching AF 100W Predriver Applications
2SA1257 SANYO-2SA1257 Datasheet
103Kb / 4P
High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
2SA1606 SANYO-2SA1606 Datasheet
99Kb / 3P
High-Voltage Switching,AF 100W Driver Applications
2SA1210 SANYO-2SA1210 Datasheet
274Kb / 7P
HIGH VOLTAGE SWITCHING, AF 150W PREDRIVER APPLICATIONS
logo
Unisonic Technologies
2SC3648 UTC-2SC3648 Datasheet
171Kb / 4P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
logo
Sanyo Semicon Device
2SA1209 SANYO-2SA1209_02 Datasheet
46Kb / 5P
160V/140mA High-Voltage Switching and AF 100W Predriver Applications
2SA1011P SANYO-2SA1011P Datasheet
57Kb / 4P
High-Voltage Switching, AF Power Amp,100W Output Predriver Applications
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com