Electronic Components Datasheet Search
  English  ▼

X  

2SC3144 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC3144
Description  60V/3A for High-Speed Drivers Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3144 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC3144 Datasheet HTML 1Page - Sanyo Semicon Device 2SC3144 Datasheet HTML 2Page - Sanyo Semicon Device 2SC3144 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SC3144

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC3144 ISC-2SC3144 Datasheet
58Kb / 3P
Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
Silicon NPN Darlington Power Transistors
logo
New Jersey Semi-Conduct...
2SC3144 NJSEMI-2SC3144 Datasheet
134Kb / 2P
Silicon NPN Darlington Power Transistor
More results

Similar Description - 2SC3144

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1413 TELCOM-TC1413 Datasheet
68Kb / 5P
3A HIGH-SPEED MOSFET DRIVERS
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Sanyo Semicon Device
2SA1259 SANYO-2SA1259 Datasheet
103Kb / 3P
60V/5A for High-Speed Drivers Applications
2SB1510 SANYO-2SB1510 Datasheet
102Kb / 3P
60V/3A Driver Applications
logo
Microchip Technology
TC1413 MICROCHIP-TC1413 Datasheet
439Kb / 14P
3A High-Speed MOSFET Drivers
2002
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_03 Datasheet
345Kb / 16P
3A High-Speed MOSFET Drivers
2003
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
3A Dual High-Speed Power MOSFET Drivers
2004
TC1413 MICROCHIP-TC1413_13 Datasheet
262Kb / 18P
3A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1413 MICROCHIP-TC1413_15 Datasheet
824Kb / 24P
3A High-Speed MOSFET Drivers
01/27/15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com