Electronic Components Datasheet Search
  English  ▼

X  

0879392000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0879392000
Description  2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row Dual Body, with Plastic Pegs, 20 Circuits, 2.50關m (100關) Tin (Sn) Plating, 15.35mm(.604) Stacking Height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0879392000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0879392000 Datasheet HTML 1Page - Molex Electronics Ltd. 0879392000 Datasheet HTML 2Page - Molex Electronics Ltd. 0879392000 Datasheet HTML 3Page - Molex Electronics Ltd. 0879392000 Datasheet HTML 4Page - Molex Electronics Ltd. 0879392000 Datasheet HTML 5Page - Molex Electronics Ltd. 0879392000 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
10
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-89990-507, PK-89990-512
Product Specification
PS-87920-019
Sales Drawing
SD-87939-017
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com