Electronic Components Datasheet Search
  English  ▼

X  

2SC4826 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4826
Description  High Definition CRT Display Video Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4826 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4826 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4826 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4826 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4826 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1852 / 2SC4826
No.5495-1/4
Applications
•
High definition CRT display video output,
wide-band amplifer.
Features
•
Adoption of FBET process.
•
High fT : fT=300MHz(typ).
•
High breakdown voltage : VCEO=200V.
•
Small reverse transfer capacitance and excellent high
-frequency characteristic :
Cre=1.5pF / NPN, 1.8pF / PNP.
•
Shipped in reel tape container to facilitate antomatic
mounting.
Specifications
( ) : 2SA1852
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)200
V
Collector-to-Emitter Voltage
VCEO
(--)200
V
Emitter-to-Base Voltage
VEBO
(--)3
V
Collector Current
IC
(--)100
mA
Collector Current (Pulse)
ICP
(--)200
mA
Base Current
IB
(--)20
mA
Collector Dissipation
PC
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)150V, IE=0
(--)0.1
µA
Emitter Cutoff Current
IEBO
VEB=(--)2V, IC=0
(--)1.0
µA
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN5495A
Package Dimensions
unit : mm
2084B
[2SA1852 / 2SC4826]
60801 TS IM AX-9367
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
1 : Emitter
2 : Collector
3 : Base
SANYO : FLP
10.5
1.2
1.6
0.5
2.5
2.5
4.5
1.2
1.4
2.6
1.9
0.5
12
3
2SA1852 / 2SC4826
High Definition CRT Display
Video Output Applications
PNP / NPN Epitaxial Planar Silicon Transistors


Similar Part No. - 2SC4826

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4821 SANYO-2SC4821 Datasheet
80Kb / 3P
High-Definition CRT Display Video Output Driver Applications???????
2SC4824 SANYO-2SC4824 Datasheet
118Kb / 4P
High Definition CRT Display Video Output Applications??????????
2SC4827 SANYO-2SC4827 Datasheet
101Kb / 3P
High-Definition CRT Display Video Output Applications?
logo
Hitachi Semiconductor
2SC4829 HITACHI-2SC4829 Datasheet
30Kb / 6P
Silicon NPN Epitaxial
More results

Similar Description - 2SC4826

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1406 SANYO-2SA1406 Datasheet
116Kb / 4P
high-Definition CRT Display Video Output Applications?
2SA1478 SANYO-2SA1478 Datasheet
132Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SA1479 SANYO-2SA1479 Datasheet
135Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SA1536 SANYO-2SA1536 Datasheet
114Kb / 4P
High-Definition CRT Display, Video Output Applications????
2SA1539 SANYO-2SA1539 Datasheet
114Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1540 SANYO-2SA1540 Datasheet
113Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1541 SANYO-2SA1541 Datasheet
104Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1710 SANYO-2SA1710 Datasheet
118Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1749 SANYO-2SA1749 Datasheet
120Kb / 4P
High-Definition CRT Display Video Output Applications???????
2SA1875 SANYO-2SA1875 Datasheet
31Kb / 5P
High-Definition CRT Display Video Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com