Electronic Components Datasheet Search
  English  ▼

X  

2SC5566 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5566
Description  DC/DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5566 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5566 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5566 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5566 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5566 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5566 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2013/2SC5566
No.6307–3/5
0.01
0.1
23
5
7
2
3
5 7
23
5
7
1.0
10
10000
1000
7
5
3
2
7
5
3
2
7
5
3
2
100
10
VCE(sat) -- IC
IT00161
Ta=75
°C
25
°C
--25°
C
2SC5566
IC / IB=50
10
1.0
0.1
0.01
0.1
1.0
10
Ta=--25°C
25
°C
75
°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5
7
2
3
5
7
2SC5566
IC / IB=50
VBE(sat) -- IC
IT00163
VBE(sat) -- IC
--10
--1.0
--0.1
--0.01
--0.1
--1.0
--10
Ta=--25°C
25
°C
75°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5
7
2
3
5
7
2SA2013
IC / IB=50
IT00162
1000
100
2
3
5
7
2
3
5
7
10
2
3
5
7
1.0
0.01
0.1
23
5
7
2
3
5 7
23
5
7
1.0
10
VCE(sat) -- IC
Ta=75
°C
25
°C
--25°
C
IT00160
2SC5566
IC / IB=20
--1000
--100
2
3
5
7
2
3
5
7
--10
2
3
5
7
--1.0
--0.01
--0.1
23
5
7
2
3
5 7
23
5
7
--1.0
--10
VCE(sat) -- IC
Ta=75
°C
--25°C
25
°C
IT00158
2SA2013
IC / IB=20
--0.01
--0.1
23
5
7
2
3
5 7
23
5
7
--1.0
--10
--10000
7
5
3
2
7
5
3
2
--1000
7
5
3
2
--100
--10
VCE(sat) -- IC
IT00159
Ta=75
°C
25
°C
--25°
C
2SA2013
IC / IB=50
Ta=75
°C
25
°C
--25
°C
1000
100
7
5
3
2
7
5
3
2
10
--0.01
3
25
--10
--0.1
73
25
7
3
25
7
--1.0
hFE -- IC
2SA2013
VCE=--2V
IT00156
1000
100
7
5
3
2
7
5
3
2
10
0.01
3
25
10
0.1
73
25
7
3
25
7
1.0
hFE -- IC
Ta=75
°C
--25
°C
25
°C
2SC5566
VCE=2V
IT00157
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com