Electronic Components Datasheet Search
  English  ▼

X  

2SC536N Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC536N
Description  Low-Frequency General-Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC536N Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC536N Datasheet HTML 1Page - Sanyo Semicon Device 2SC536N Datasheet HTML 2Page - Sanyo Semicon Device 2SC536N Datasheet HTML 3Page - Sanyo Semicon Device 2SC536N Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA608N/2SC536N
No.6324–3/4
A S O
1000
100
7
5
3
2
7
5
3
2
10
7
5
3
2
1.0
10
100
25
37
25
37
57
IT00511
ICP
IC
100ms
DC
operation
10ms
500
0
400
600
300
200
100
20
060
40
80
100
140
120
160
PC -- Ta
IT00510
--1.0
--0.1
2
3
5
7
2
3
5
7
--0.01
--1.0
--10
23
5
7
2
3
5 7
23
5
7
--100
--1000
VCE(sat) -- IC
IT00506
2SA608N
IC / IB=--10
1.0
0.1
2
3
5
7
2
3
5
7
0.01
1.0
10
23
5
7
2
3
5 7
23
5
7
100
1000
VCE(sat) -- IC
IT00507
2SC536N
IC / IB=10
Cob -- VCB
0.1
10
1.0
7
5
3
2
7
5
3
2
7
5
3
2
100
--0.1
23
5
7
23
5
7
23
5
7
--10
--1.0
--100
IT00504
2SA608N
f=1MHz
Cob -- VCB
0.1
10
1.0
7
5
3
2
7
5
3
2
7
5
3
2
100
0.1
23
5
7
23
5
7
23
5
7
10
1.0
100
IT00505
2SC536N
f=1MHz
f T -- IC
7
3
100
2
5
7
3
2
5
10
1000
--1.0
25
7
3
--10
25
7
3
--100
25
7
3
--1000
IT00502
2SA608N
VCE=--6V
f T -- IC
7
3
100
2
5
7
3
2
5
10
1000
1.0
25
7
3
10
25
7
3
100
25
7
3
1000
IT00503
2SC536N
VCE=6V
2SA608N / 2SC536N
2SA608N / 2SC536N
Collector Current, IC –mA
Collector Current, IC –mA
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Collector-to-Emitter Voltage, VCE –V
For PNP, the polarity is reversed.
Ambient Temperature, Ta – ˚C
Collector Current, IC –mA
Collector Current, IC –mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com