Electronic Components Datasheet Search
  English  ▼

X  

2SD1815 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SD1815
Description  High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1815 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SD1815 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1815 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 2SD1815

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD1815 KEXIN-2SD1815 Datasheet
46Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
2SD1815 SANYO-2SD1815 Datasheet
523Kb / 10P
High-Current Switching Applications
logo
SeCoS Halbleitertechnol...
2SD1815 SECOS-2SD1815 Datasheet
403Kb / 2P
NPN Epitaxial Planar Silicon Transistor
logo
ON Semiconductor
2SD1815 ONSEMI-2SD1815 Datasheet
106Kb / 7P
Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
logo
Jiangsu Changjiang Elec...
2SD1815 JIANGSU-2SD1815 Datasheet
1Mb / 3P
TO-251-3L Plastic-Encapsulate Transistors
More results

Similar Description - 2SD1815

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
High-Current Switching Applications
2SB1216 SANYO-2SB1216 Datasheet
126Kb / 4P
High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
High-Current Switching Applications
2SB1509 SANYO-2SB1509 Datasheet
114Kb / 3P
High-Current Switching Applications
2SC4306 SANYO-2SC4306 Datasheet
92Kb / 3P
High-Current Switching Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
ECH8202 SANYO-ECH8202 Datasheet
279Kb / 4P
High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
High Current Switching Applications
05-Feb-2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com