Electronic Components Datasheet Search
  English  ▼

X  

D1913 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # D1913
Description  60V/3A Low-Frequency Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

D1913 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  D1913 Datasheet HTML 1Page - Sanyo Semicon Device D1913 Datasheet HTML 2Page - Sanyo Semicon Device D1913 Datasheet HTML 3Page - Sanyo Semicon Device D1913 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SB1274/2SD1913
No.2246-1/4
Applications
•
General power amplifier.
Features
•
Wide ASO (Adoption of MBIT process).
•
Low saturation voltage.
•
High reliability.
•
High breakdown voltage.
•
Micaless package facilitating mounting.
Specifications
( ):2SB1274
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(
−)60
V
Collector-to-Emitter Voltage
VCEO
(
−)60
V
Emitter-to-Base Voltage
VEBO
(
−)6
V
Collector Current
IC
(
−)3
A
Collector Current (Pulse)
ICP
(
−)8
A
Collector Dissipation
PC
2W
Tc=25
°C20
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0
(--)100
µA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0
(--)100
µA
Continued on next page.
Ordering number : ENN2246B
2SB1274/2SD1913
60V/3A Low-Frequency
Power Amplifier Applications
Package Dimensions
unit : mm
2041A
[2SB1274/2SD1913]
D2000 TS IM 8-2055
PNP/NPN Epitaxial Planar Silicon Transistors
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-220ML
1.6
1.2
0.75
10.0
3.2
2.55
2.55
2.4
4.5
2.8
0.7
2.55
2.55
1
23
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN


Similar Part No. - D1913

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
D1911 WINGS-D1911 Datasheet
100Kb / 1P
Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
logo
Rohm
D1918 ROHM-D1918 Datasheet
149Kb / 3P
Power Transistor (160V , 1.5A)
More results

Similar Description - D1913

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1510 SANYO-2SB1510 Datasheet
102Kb / 3P
60V/3A Driver Applications
logo
Toshiba Semiconductor
2SA1362 TOSHIBA-2SA1362_07 Datasheet
307Kb / 4P
Low Frequency Power Amplifier Applications Power Switching Applications
2SC3265 TOSHIBA-2SC3265_03 Datasheet
86Kb / 3P
Low Frequency Power Amplifier Applications Power Switching Applications
logo
Sanyo Semicon Device
2SA1705 SANYO-2SA1705_11 Datasheet
120Kb / 4P
Low-Frequency Power Amplifier Applications
2SB1122S-TD-E SANYO-2SB1122S-TD-E Datasheet
94Kb / 5P
Low-Frequency Power Amplifier Applications
2SB1122-D SANYO-2SB1122-D Datasheet
94Kb / 5P
Low-Frequency Power Amplifier Applications
logo
Toshiba Semiconductor
2SA1362-Y TOSHIBA-2SA1362-Y Datasheet
192Kb / 4P
Low Frequency Power Amplifier Applications Power Switching Applications
2SC3265Y TOSHIBA-2SC3265Y Datasheet
184Kb / 4P
Low Frequency Power Amplifier Applications Power Switching Applications
2SC3265YTE85L TOSHIBA-2SC3265YTE85L Datasheet
184Kb / 4P
Low Frequency Power Amplifier Applications Power Switching Applications
2SA1362-GR TOSHIBA-2SA1362-GR Datasheet
192Kb / 4P
Low Frequency Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com