Electronic Components Datasheet Search
  English  ▼

X  

74100310 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 74100310
Description  2.54mm (.100") Pitch MOX Receptacle Kit, Dual Row, 20 Circuits, White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

74100310 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74100310 Datasheet HTML 1Page - Molex Electronics Ltd. 74100310 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0989821010
Status:
Active
Overview:
mox_crimp_terminals
Description:
2.54mm (.100") Pitch MOX Receptacle Kit, Dual Row, 20 Circuits, White
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
98982
Overview
mox_crimp_terminals
Product Name
MOX
Physical
Breakaway
No
Circuits (maximum)
20
Color - Resin
White
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to Mating Part
No
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
6A
Material Info
Old Part Number
74100310
Reference - Drawing Numbers
Application Specification
AS-98982-001
Packaging Specification
PK-98982-002
Sales Drawing
SD-98982-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
98982Series
Mates With
Contact Molex
Use With
98658 MOX Crimp Terminal
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 74100310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74100310 MOLEX11-74100310 Datasheet
43Kb / 1P
2.54mm Pitch MOX Receptacle Kit, Dual Row, 20 Circuits, White
More results

Similar Description - 74100310

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0989821020 MOLEX11-0989821020 Datasheet
306Kb / 3P
2.54mm (.100") Pitch MOX Receptacle Kit, 4 Rows, 40 Circuits, White
0982980002 MOLEX11-0982980002 Datasheet
369Kb / 3P
2.54mm (.100") Pitch MOX Receptacle Housing, 6 Circuits, Breakable, Dual Row, White
0989821016 MOLEX11-0989821016 Datasheet
136Kb / 2P
2.54mm (.100") Pitch MOX Receptacle Kit, Dual Row, 20 Circuits, Blue
98298-0002 MOLEX11-98298-0002 Datasheet
42Kb / 1P
2.54mm Pitch MOX Receptacle Housing, 6 Circuits, Breakable, Dual Row, White
98982-1010 MOLEX11-98982-1010 Datasheet
43Kb / 1P
2.54mm Pitch MOX Receptacle Kit, Dual Row, 20 Circuits, White
98982-1016 MOLEX11-98982-1016 Datasheet
43Kb / 1P
2.54mm Pitch MOX Receptacle Kit, Dual Row, 20 Circuits, Blue
98982-1020 MOLEX11-98982-1020 Datasheet
45Kb / 2P
2.54mm Pitch MOX Receptacle Kit, 4 Rows, 40 Circuits, White
0989821010 MOLEX1-0989821010_18 Datasheet
37Kb / 2P
2.54mm Pitch MOX Receptacle Kit, Dual Row, 20 Circuits, White
0989821016 MOLEX1-0989821016_18 Datasheet
37Kb / 2P
2.54mm Pitch MOX Receptacle Kit, Dual Row, 20 Circuits, Blue
0989821020 MOLEX1-0989821020_18 Datasheet
36Kb / 1P
2.54mm Pitch MOX Receptacle Kit, 4 Rows, 40 Circuits, White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com