Electronic Components Datasheet Search
  English  ▼

X  

APP-SERIAL Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # APP-SERIAL
Description  applicom PCIE1000, 1 Serial RS485/RS422 port, PCI Express 1x, RoHS compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

APP-SERIAL Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  APP-SERIAL Datasheet HTML 1Page - Molex Electronics Ltd. APP-SERIAL Datasheet HTML 2Page - Molex Electronics Ltd. APP-SERIAL Datasheet HTML 3Page - Molex Electronics Ltd. APP-SERIAL Datasheet HTML 4Page - Molex Electronics Ltd. APP-SERIAL Datasheet HTML 5Page - Molex Electronics Ltd. APP-SERIAL Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Technical Specifications
(2): Profibus ports available via Remote Serial Panels BX4010 or BX4010R.
(3): Also available on option: RS232 (2 or 6 wires), Current Loop 20mA by modifying the daughter card electrical interface.
(4): 1x500 Kbps Profibus port + 3x9600 bps Serial ports or 2x187.5 Kbps Profibus port + 2x9600 bps Serial ports
applicom®
PCI2000 (5V)
applicom®
PCI4000 (5V)
Key Benefits
• On-board processor
• Gateway feature on 2 ports version
• RoHS compliant
• On-board processor
• Gateway on 2 ports
• Mixed up to 4 Serial or Profibus(2) ports
Hardware
Unit
PCI (5V), short card, single slot
PCI (5V), short card, single slot
Processor
Intel 80386EX - 24 MHz
Intel 80386EX - 24 MHz
Memory
4 Mbytes
4 Mbytes
Flash Memory
-
-
Interruption
Hardware Plug&Play
Hardware Plug&Play
DPRAM Address
Hardware Plug&Play (2 Kbytes)
Hardware Plug&Play (32 Kbytes)
Discrete Input
-
-
Discrete Output
-
-
Dimensions (LxW)
145 x 106mm (5.70" x 4.17")
175 x 107mm (6.89" x 4.21")
Consumption
4 W
4 W
Operating T°
0º C (32º F) ↔ +70º C (158º F)
0º C (32º F) ↔ +70º C (158º F)
Storage T°
-40º C (-40º F) ↔ +80º C (176º)
-40º C (-40º F) ↔ +80º C (176º)
EMC Compliance
Yes, Industrial and Office use
Yes, Industrial and Office use
RoHS Compliant
No
Yes
Communication port
Port type
2 Asynchronous Serial ports
4 Asynchronous Serial or Profibus
(4) ports
Connector
D-Sub, 9 pin, male
D-Sub, 37 pin, male (see Remote Serial Splitter Box
accessories).
LED Indicators
2 leds: TX / RX
On Remote Serial Splitter Box
Electrical Interface
(3)
RS485/422, galvanic insulation (500 V)
RS485/422
Baud Rate:
50 ↔ 38400 bps
50 bps ↔ 38400 Kbps



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com