Electronic Components Datasheet Search
  English  ▼

X  

2SB921 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SB921
Description  80V/7A Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SB921 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SB921 Datasheet HTML 1Page - Sanyo Semicon Device 2SB921 Datasheet HTML 2Page - Sanyo Semicon Device 2SB921 Datasheet HTML 3Page - Sanyo Semicon Device 2SB921 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 2SB921

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB921 SAVANTIC-2SB921 Datasheet
103Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB921 ISC-2SB921 Datasheet
257Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SB921 SAVANTIC-2SB921 Datasheet
105Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB921 NJSEMI-2SB921 Datasheet
126Kb / 2P
Silicon PNP Power Transistor
More results

Similar Description - 2SB921

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1290 SANYO-2SA1290 Datasheet
100Kb / 3P
60V/7A High-Speed Switching Applications
2SB1135 SANYO-2SB1135 Datasheet
99Kb / 3P
50V/7A Switching Applications
2SB1450 SANYO-2SB1450 Datasheet
100Kb / 3P
50V/7A Switching Applications
2SB1451 SANYO-2SB1451 Datasheet
133Kb / 4P
80V/5A Switching Applications
2SB1452 SANYO-2SB1452 Datasheet
132Kb / 4P
80V/7A Switching Applications
2SB825 SANYO-2SB825 Datasheet
94Kb / 3P
50V/7A Switching Applications
2SB827 SANYO-2SB827 Datasheet
93Kb / 3P
50V/7A Switching Applications
2SB920L SANYO-2SB920L Datasheet
126Kb / 4P
80V/5A Switching Applications
2SB922L SANYO-2SB922L Datasheet
94Kb / 3P
80V/12A Switching Applications
logo
Rohm
2SB1672 ROHM-2SB1672 Datasheet
54Kb / 1P
Power Transistor (-80V, -7A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com