Electronic Components Datasheet Search
  English  ▼

X  

91023-0002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 91023-0002
Description  6.00mm (.236") Pitch Junction Box, ISO, Vertical, 32 Circuits, Contact Layout 2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

91023-0002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  91023-0002 Datasheet HTML 1Page - Molex Electronics Ltd. 91023-0002 Datasheet HTML 2Page - Molex Electronics Ltd. 91023-0002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current - Maximum per Contact
10A
Voltage - Maximum
12V
Solder Process Data
Lead-free Process Capability
Reflow Capable (SMT only)
Material Info
Reference - Drawing Numbers
Product Specification
PS-99020-0076
Sales Drawing
SDA-91023
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com