Electronic Components Datasheet Search
  English  ▼

X  

2SC2999 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC2999
Description  HF Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC2999 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC2999 Datasheet HTML 1Page - Sanyo Semicon Device 2SC2999 Datasheet HTML 2Page - Sanyo Semicon Device 2SC2999 Datasheet HTML 3Page - Sanyo Semicon Device 2SC2999 Datasheet HTML 4Page - Sanyo Semicon Device 2SC2999 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Epitaxial Planar Silicon Transistor
HF Amplifier Applications
Ordering number:EN931D
2SC2999
N3098HA (KT)/3107KI/5124KI, MT No.931–1/5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2033
[2SC2999]
Features
· FBET series.
· Very small-sized package permitting sets to be small-
sized and slim.
· High fT (fT=750MHz typ.) and small Cre
(Cre=0.6pF typ).
˚C
˚C
Electrical Characteristics at Ta = 25˚C
B : Base
C : Collector
E : Emitter
SANYO : SPA
* : The 2SC2999 are classified as follows according to hFE at 1mA :
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
5
2V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
2V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
3V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
3A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
5
1W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
0
4
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
1
=
E 0
=1
.
0A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
3
=
C 0
=1
.
0A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
6
=
C
A
m
1
=
*
0
4*
0
0
2
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
6
=
C
A
m
4
=
0
5
40
5
7z
H
M
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
RC e
r
V B
C
z
H
M
1
=
f
,
V
6
=
6
.
09
.
0F
p
t
n
a
t
s
n
o
C
e
m
i
T
r
o
t
c
e
ll
o
C
-
o
t
-
e
s
a
BC
'
b
b
r
C
V E
C
I
,
V
6
=
C
z
H
M
9
.
1
3
=
f
,
A
m
1
=9
1s
p
e
r
u
g
i
F
e
s
i
o
NF
NV E
C
I
,
V
6
=
C
z
H
M
0
0
1
=
f
,
A
m
1
=
2
.
2B
d
n
i
a
G
r
e
w
o
PG
PV E
C
I
,
V
6
=
C
z
H
M
0
0
1
=
f
,
A
m
1
=
8
2B
d
0
8
C
0
40
2
1
D
0
60
0
2
E
0
0
1


Similar Part No. - 2SC2999

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SC2999 JIANGSU-2SC2999 Datasheet
626Kb / 3P
TO-92S Plastic-Encapsulate Transistors
More results

Similar Description - 2SC2999

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY148A PHILIPS-BGY148A Datasheet
84Kb / 12P
HF amplifier modules
1998 May 13
logo
Sanyo Semicon Device
2SA1177 SANYO-2SA1177 Datasheet
118Kb / 4P
HF Amp Applications
2SC2839 SANYO-2SC2839 Datasheet
109Kb / 4P
HF Amp Applications
2SC3000 SANYO-2SC3000 Datasheet
109Kb / 4P
HF Amp Applications?
2SC4433 SANYO-2SC4433 Datasheet
67Kb / 3P
HF Amp Applications
2SK2394 SANYO-2SK2394 Datasheet
80Kb / 3P
Low-Noise HF Amp Applications
2SK2395 SANYO-2SK2395 Datasheet
79Kb / 3P
Low-Noise HF Amp Applications?
2SK404 SANYO-2SK404 Datasheet
67Kb / 3P
HF Amp, AF Amp Applications
2SK3557 SANYO-2SK3557 Datasheet
34Kb / 4P
Low-Noise HF Amplifier Applications
logo
Harris Corporation
RF-5832H-PA101 HARRIS-RF-5832H-PA101 Datasheet
222Kb / 2P
125 WATT HF POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com