Electronic Components Datasheet Search
  English  ▼

X  

SDA-91023 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SDA-91023
Description  6.00mm (.236") Pitch Junction Box, ISO, Vertical, 32 Circuits, Contact Layout 3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SDA-91023 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SDA-91023 Datasheet HTML 1Page - Molex Electronics Ltd. SDA-91023 Datasheet HTML 2Page - Molex Electronics Ltd. SDA-91023 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0910230003
Status:
Active
Overview:
junction_box_io_connectors
Description:
6.00mm (.236") Pitch Junction Box, ISO, Vertical, 32 Circuits, Contact Layout 3
Documents:
3D Model
Product Specification PS-99020-0076 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
91023
Application
Wire-to-Board
Comments
Contact Layout 3 - see Sales Drawing
Overview
junction_box_io_connectors
Product Name
Junction Box
Physical
Breakaway
No
Circuits (Loaded)
32
Circuits (maximum)
32
Circuits Detail
Spade 32
Color - Resin
Black, Natural, Natural (White)
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon, Polyester
Number of Rows
7
Orientation
Vertical
PC Tail Length (in)
0.125 In
PC Tail Length (mm)
3.20 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.236 In
Pitch - Mating Interface (mm)
6.00 mm
Plating min: Mating (µin)
120, 80.00
Plating min: Mating (µm)
2.000, 3
Plating min: Termination (µin)
120, 80.00
Plating min: Termination (µm)
2.00, 3
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
IDT or Pierce, Through Hole
Electrical
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91023Series


Similar Part No. - SDA-91023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SDA-91023 MOLEX11-SDA-91023 Datasheet
226Kb / 3P
6.00mm (.236") Pitch Junction Box, ISO, Vertical, 32 Circuits, Contact Layout 2
SDA-91023 MOLEX11-SDA-91023 Datasheet
226Kb / 3P
6.00mm (.236") Pitch Junction Box, ISO, Vertical, 32 Circuits, Contact Layout 4
More results

Similar Description - SDA-91023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0351281000 MOLEX4-0351281000 Datasheet
128Kb / 2P
6.00mm (.236") Pitch Wire-to-Wire Female Housing, 10 Circuits, Vertical
0351270600 MOLEX4-0351270600 Datasheet
118Kb / 2P
6.00mm (.236") Pitch Wire-to-Wire Male Housing, 6 Circuits, Vertical
0351270200 MOLEX4-0351270200 Datasheet
102Kb / 2P
6.00mm (.236") Pitch Wire-to-Wire Male Housing, 2 Circuits, Vertical
0351270400 MOLEX4-0351270400 Datasheet
102Kb / 2P
6.00mm (.236") Pitch Wire-to-Wire Male Housing, 4 Circuits, Vertical
0351280600 MOLEX4-0351280600 Datasheet
127Kb / 2P
6.00mm (.236") Pitch Wire-to-Wire Female Housing, 6 Circuits, Vertical
0359610250 MOLEX5-0359610250 Datasheet
84Kb / 2P
6.00mm (.236") Pitch MP-Lock??Housing, 2 Circuits
0357980392 MOLEX5-0357980392 Datasheet
116Kb / 2P
6.00mm (.236") Pitch Wire-to-Board Header, 1.78mm (.070") Tab, Vertical, Red, 3 Circuits
0357980390 MOLEX5-0357980390 Datasheet
116Kb / 2P
6.00mm (.236") Pitch Wire-to-Board Header, 1.78mm (.070") Tab, Vertical, White, 3 Circuits
0910230002 MOLEX11-0910230002 Datasheet
226Kb / 3P
6.00mm (.236") Pitch Junction Box, ISO, Vertical, 32 Circuits, Contact Layout 2
0910230005 MOLEX11-0910230005 Datasheet
226Kb / 3P
6.00mm (.236") Pitch Junction Box, ISO, Vertical, 32 Circuits, Contact Layout 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com