Electronic Components Datasheet Search
  English  ▼

X  

2SC4272 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4272
Description  27MHz CB Transceiver Driver Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4272 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4272 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4272 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4272 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SC4272

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4272 KEXIN-2SC4272 Datasheet
62Kb / 2P
NPN Epitaxial Planar Silicon Transistor
logo
MAKO SEMICONDUCTOR CO.,...
2SC4272 MAKOSEMI-2SC4272 Datasheet
112Kb / 2P
Small size making it easy to provide high-density,small-sized
logo
GUANGDONG HOTTECH INDUS...
2SC4272 HOTTECH-2SC4272 Datasheet
184Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC4272 BILIN-2SC4272 Datasheet
205Kb / 3P
NPN Epitaxial Planar Silicon Transistor
Rev.A
logo
Foshan Blue Rocket Elec...
2SC4272 FOSHAN-2SC4272 Datasheet
991Kb / 6P
Silicon NPN transistor in a SOT-89 Plastic Package
More results

Similar Description - 2SC4272

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC2078 SANYO-2SC2078 Datasheet
86Kb / 3P
27MHz RF Power Amp Applications
2SC2314 SANYO-2SC2314 Datasheet
85Kb / 3P
27MHz CB Transceiver Driver Applications?
2SC4735 SANYO-2SC4735 Datasheet
91Kb / 3P
27MHz CB Transceiver Driver Applications
logo
KEC(Korea Electronics)
KTC1006 KEC-KTC1006 Datasheet
249Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (CB TRANSCEIVER TX DRIVER)
logo
Sanyo Semicon Device
LC7120 SANYO-LC7120 Datasheet
130Kb / 3P
CMOS LSI 27MHz CB TRANSCEIVER PLL FREQUENCY SYNTHESIZER
logo
Tiger Electronic Co.,Lt...
2SC2078 TGS-2SC2078 Datasheet
63Kb / 1P
27MHz RF Power Amplifier Applications
2SC2314 TGS-2SC2314 Datasheet
59Kb / 1P
27 MHz CB Transceiver Driver Applications
logo
Sanyo Semicon Device
2SC2314 SANYO-2SC2314_19 Datasheet
98Kb / 4P
27MHz CB Transceiver Driver Applications
2SC2078 SANYO-2SC2078_04 Datasheet
78Kb / 3P
27MHz RF Power Amplifier Applications
logo
ams AG
AS3900 AMSCO-AS3900 Datasheet
1Mb / 59P
27MHz Low Power Star Network Transceiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com