Electronic Components Datasheet Search
  English  ▼

X  

15F Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 15F
Description  Aero-Motive Heavy Duty Retractors, Weight Range 8-15 lbs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

15F Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  15F Datasheet HTML 1Page - Molex Electronics Ltd. 15F Datasheet HTML 2Page - Molex Electronics Ltd. 15F Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3.3 [83]
8.5 [216]
1.2 [29]
0.3 [8]
1.0 [26]
8.6 [218]
THIS LABEL IS DEPENDENT ON THE PLANT WHERE
RETRACTOR IS BUILD & CUSTOMER THAT IS BUILT
FOR. THUS POLAND PLANT WILL USE ONLY
"ASSEMBLED IN POLAND" AND MEXICO PLANT WILL
USE ONLY "ASSEMBLED IN MEXICO". CONTACT
PLANT FOR SPECIFIC ITEM NUMBERS FOR THESE
LABELS.
A
B
C
D
E
F
A
B
C
D
E
F
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
NTS
SCALE
SD-130175-002
MOLEX INCORPORATED
SIZE
INCH
IN/MM
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
OF RETRACTORS
10F/15F/22F SERIES
----
APPROVED BY
DATE
CHECKED BY
DATE
DRAWN BY
DATE
TITLE
ANGULAR ±1°
±NA
±NA
±NA
±---
±NA
±NA
±NA
±NA
1 PLACE
2 PLACES
3 PLACES
4 PLACES
INCH
mm
=
=
THIRD ANGLE
PROJECTION
B
C
A
0
0
SEE TABLE
1 OF 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com