Electronic Components Datasheet Search
  English  ▼

X  

BIF3 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BIF3
Description  50-800 MHz Internally Matched IF Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BIF3 Datasheet(HTML) 4 Page - BeRex Corporation

  BIF3 Datasheet HTML 1Page - BeRex Corporation BIF3 Datasheet HTML 2Page - BeRex Corporation BIF3 Datasheet HTML 3Page - BeRex Corporation BIF3 Datasheet HTML 4Page - BeRex Corporation BIF3 Datasheet HTML 5Page - BeRex Corporation BIF3 Datasheet HTML 6Page - BeRex Corporation BIF3 Datasheet HTML 7Page - BeRex Corporation BIF3 Datasheet HTML 8Page - BeRex Corporation BIF3 Datasheet HTML 9Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BeRex
BIF3
http: //www.berex.com
Typical Performance (Vdevice = 5.0V, Ic = 85mA, Ta = 25C)
Freq
MHz
70
140
250
500
800
S21
dB
20.3
20.2
19.9
19.0
17.9
S11
dB
-19
-18
-15
-11
-8
S22
dB
-16
-17
-16
-13
-11
P1
dBm
23.5
24.5
24.5
24.2
24.0
OIP3
dBm
44
41.5
40.5
40.5
39.5
NF
dB
5.1
5.2
5.2
5.3
5.3
Typical Performance (V device = 4.7 V, Ic = 64 mA, Ta = 25 ℃)
Freq
MHz
70
140
250
500
800
S21
dB
20.1
19.9
19.7
18.9
17.6
S11
dB
-27.2
-24.6
-16.8
-11.3
-9.3
S22
dB
-13.1
-12.6
-13
-12.5
-9.7
P1
dBm
22.9
23.5
23.3
23.3
22.7
OIP3
dBm
35.0
38.5
39.5
36.5
35.3
NF
dB
5.1
5.2
5.2
5.3
5.3
Typical Performance (V device = 4.5 V, Ic = 54 mA, Ta = 25 ℃)
Freq
MHz
70
140
250
500
800
S21
dB
20.2
20.2
19.8
18.7
17.5
S11
dB
-18.8
-19
-16.1
-11.8
-9.2
S22
dB
-14.1
-16
-15.1
-11.8
-9.6
P1
dBm
22.1
23.0
23.1
22.6
22.2
OIP3
dBm
34.5
37.5
34.5
35.5
34.5
NF
dB
5.1
5.2
5.2
5.3
5.3
Typical Performance (V device = 4 V, Ic = 28 mA, Ta = 25 ℃)
Freq
MHz
70
140
250
500
800
S21
dB
19.5
19.4
19.1
18.1
16.8
S11
dB
-18.4
-18.5
-15.8
-11.5
-8.9
S22
dB
-12.3
-13.8
-13.5
-11.3
-9.4
P1
dBm
20.7
21.2
21.2
20.7
13.5
OIP3
dBm
35
29
27.5
25.5
31
NF
dB
5.1
5.2
5.2
5.3
5.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com