Electronic Components Datasheet Search
  English  ▼

X  

BIF7 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BIF7
Description  50-800 MHz Internally Matched IF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BIF7 Datasheet(HTML) 2 Page - BeRex Corporation

  BIF7 Datasheet HTML 1Page - BeRex Corporation BIF7 Datasheet HTML 2Page - BeRex Corporation BIF7 Datasheet HTML 3Page - BeRex Corporation BIF7 Datasheet HTML 4Page - BeRex Corporation BIF7 Datasheet HTML 5Page - BeRex Corporation BIF7 Datasheet HTML 6Page - BeRex Corporation BIF7 Datasheet HTML 7Page - BeRex Corporation BIF7 Datasheet HTML 8Page - BeRex Corporation BIF7 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BeRex
BIF7
http: //www.berex.com
Absolute Maximum Ratings
Parameters
Rating
Operating Case temperature
-40 to +85C
Storage Temperature
-55 to +155C
Junction Temperature
+220C
Supply Voltage
6.0V
Max. Device Current
160mA
Input RF Power
23dBm
Operation of this device above any of these parameters may result in permanent damage.
[I-V Characteristics]
[Generic SOT89 Evaluation Board]
*Dielectric constant is 4.2
*RF pattern width 52mil
*31mil thick FR4 PCB
Application Circuit: 50-800 MHz
Schematic Diagram
BOM
Tolerance
C5
C3
C4
C1
C2
RF In
RF Out
Vcc
BT05VG2
BIF7
L1
C1
100nF
*100pF
± 5%
C2
100nF
*100pF
± 5%
C3
100pF
± 5%
C4
1000pF
± 5%
C5
10uF
± 20%
L1
1uH
*12nH
±5%
*Application for RF Bandwidth
BeRex
MMIC Innovator
Evaluation
Board



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com