Electronic Components Datasheet Search
  English  ▼

X  

BL081 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BL081
Description  5-4000 MHz Wideband Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BL081 Datasheet(HTML) 2 Page - BeRex Corporation

  BL081 Datasheet HTML 1Page - BeRex Corporation BL081 Datasheet HTML 2Page - BeRex Corporation BL081 Datasheet HTML 3Page - BeRex Corporation BL081 Datasheet HTML 4Page - BeRex Corporation BL081 Datasheet HTML 5Page - BeRex Corporation BL081 Datasheet HTML 6Page - BeRex Corporation BL081 Datasheet HTML 7Page - BeRex Corporation BL081 Datasheet HTML 8Page - BeRex Corporation BL081 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BeRex
BL081
http: //www.berex.com
Absolute Maximum Ratings
Parameters
Rating
Operating Case temperature
-40 to +85C
Storage Temperature
-55 to +155C
Junction Temperature
+220C
Supply Voltage
6.0V
Max. Device Current
160mA
Input RF Power
23dBm
Operation of this device above any of these parameters may result in permanent damage.
[Generic SOT89 Evaluation Board]
[I-V Characteristics]
*Dielectric constant is 4.2
*RF pattern width 52mil
*31mil thick FR4 PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com