Electronic Components Datasheet Search
  English  ▼

X  

BT013 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BT013
Description  1500-4000 MHz Medium Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT013 Datasheet(HTML) 1 Page - BeRex Corporation

  BT013 Datasheet HTML 1Page - BeRex Corporation BT013 Datasheet HTML 2Page - BeRex Corporation BT013 Datasheet HTML 3Page - BeRex Corporation BT013 Datasheet HTML 4Page - BeRex Corporation BT013 Datasheet HTML 5Page - BeRex Corporation BT013 Datasheet HTML 6Page - BeRex Corporation BT013 Datasheet HTML 7Page - BeRex Corporation BT013 Datasheet HTML 8Page - BeRex Corporation BT013 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
BeRex
BT013
http: //www.berex.com
1500-4000 MHz Medium Power Amplifier
Device Features
 45.0dBm Output IP3 at 13dBm/tone at 1900MHz
 15dB Gain at 1900MHz
 27.5dBm P1dB at 1900MHz
 Lead-free/Green/RoHS Compliant SOT89 Package
 Patented Over Voltage Protection Circuit
Application: commercial, space, military wireless system
Electrical Specifications (Ta = 25C, Vs = 5.0V)
Parameters
Test Conditions
Min
Typ
Max
Unit
Frequency Range
1500
4000
MHz
Gain
1900MHz
2140MHz
2400MHz
3500MHz
14.0
13.0
12.2
9.7
15.0
14.0
13.2
10.7
dB
S11
1900MHz
2140MHz
2400MHz
3500MHz
-17.5
-12.0*
-13.0
-26.0
dB
S22
1900MHz
2140MHz
2400MHz
3500MHz
-12.5
-12.0*
-13.0
-25.0
dB
OIP3
1900MHz
2140MHz
2400MHz
3500MHz
42
42
40
37
45
45
43
40
dBm
P1dB
1900MHz
2140MHz
2400MHz
3500MHz
26.5
26.2
26.0
25.0
27.5
27.2
27.0
26.0
dBm
IS-95 CH Power
@-45dBc ACPR
1900MHz
21.0
dBm
WCDMA CH Power
@-45dBc ACLR
2140MHz
2400MHz
19.5
18.5
dBm
NF
1900MHz
2140MHz
2400MHz
6.8
dB
Ic
Vc = 5.0V
115
135
155
mA
Vc
5.0
V
Rth
Thermal Resistance
50
C/W
* There are trade offs between IRL/ORL and S21/P1/OIP3.
Test conditions unless otherwise noted.
1.
T = 25C, Vdevice = 5.0V, 50 ohm system.
2.
OIP3 measured with two tones at an output power of 13dBm separated by 1MHz.


Similar Part No. - BT013

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT013 BEREX-BT013 Datasheet
1Mb / 15P
1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013 Datasheet
2Mb / 15P
1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013 Datasheet
1Mb / 15P
1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013_1 Datasheet
1Mb / 15P
1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013_16 Datasheet
2Mb / 15P
1500-4000 MHz Medium Power Amplifier
More results

Similar Description - BT013

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT05VG BEREX-BT05VG Datasheet
562Kb / 11P
1500-4000 MHz Wideband Drive Amplifier
BCT013 BEREX-BCT013 Datasheet
811Kb / 13P
1500-4000 MHz Medium Power Amplifier
BT05VG BEREX-BT05VG_1 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_1 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT013 BEREX-BT013_1 Datasheet
1Mb / 15P
1500-4000 MHz Medium Power Amplifier
BT05VG2 BEREX-BT05VG2_16 Datasheet
2Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT013 BEREX-BT013_16 Datasheet
2Mb / 15P
1500-4000 MHz Medium Power Amplifier
BT05VG BEREX-BT05VG_18 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_18 Datasheet
1Mb / 14P
1500-4000 MHz Wideband Drive Amplifier
BT013 BEREX-BT013_18 Datasheet
1Mb / 15P
1500-4000 MHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com