Electronic Components Datasheet Search
  English  ▼

X  

PCA9546AD Datasheet(PDF) 4 Page - Texas Instruments

Part # PCA9546AD
Description  4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9546AD Datasheet(HTML) 4 Page - Texas Instruments

  PCA9546AD Datasheet HTML 1Page - Texas Instruments PCA9546AD Datasheet HTML 2Page - Texas Instruments PCA9546AD Datasheet HTML 3Page - Texas Instruments PCA9546AD Datasheet HTML 4Page - Texas Instruments PCA9546AD Datasheet HTML 5Page - Texas Instruments PCA9546AD Datasheet HTML 6Page - Texas Instruments PCA9546AD Datasheet HTML 7Page - Texas Instruments PCA9546AD Datasheet HTML 8Page - Texas Instruments PCA9546AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
Device Address
1
1
1
0
A1
A2
A0
Slave Address
R/W
Fixed
Hardware
Selectable
Control Register
Channel Selection Bits
(Read/Write)
Channel 0
Channel 1
Channel 2
Channel 3
B3
B2
B1
B0
3
2
1
0
X
X
X
X
4
5
6
7
Control Register Definition
PCA9546A
4-CHANNEL I2C AND SMBus SWITCH
WITH RESET FUNCTION
SCPS148E – OCTOBER 2005 – REVISED JANUARY 2008
Following a start condition, the bus master must output the address of the slave it is accessing. The address of
the PCA9546A is shown in Figure 1. To conserve power, no internal pullup resistors are incorporated on the
hardware-selectable address pins, and they must be pulled high or low.
Figure 1. PCA9546A Address
The last bit of the slave address defines the operation to be performed. When set to a logic 1, a read is selected,
while a logic 0 selects a write operation.
Following the successful acknowledgment of the slave address, the bus master sends a byte to the PCA9546A,
which is stored in the control register (see Figure 2). If multiple bytes are received by the PCA9546A, it will save
the last byte received. This register can be written and read via the I2C bus.
Figure 2. Control Register
One or several SCn/SDn downstream pairs, or channels, are selected by the contents of the control register (see
Table 1). This register is written after the PCA9546A has been addressed. The four LSBs of the control byte are
used to determine which channel or channels are to be selected. When a channel is selected, the channel
becomes active after a stop condition has been placed on the I2C bus. This ensures that all SCn/SDn lines are in
a high state when the channel is made active, so that no false conditions are generated at the time of
connection. A stop condition always must occur right after the acknowledge cycle.
4
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCA9546A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com