Electronic Components Datasheet Search
  English  ▼

X  

TLV1012 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV1012
Description  AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1012 Datasheet(HTML) 1 Page - Texas Instruments

  TLV1012 Datasheet HTML 1Page - Texas Instruments TLV1012 Datasheet HTML 2Page - Texas Instruments TLV1012 Datasheet HTML 3Page - Texas Instruments TLV1012 Datasheet HTML 4Page - Texas Instruments TLV1012 Datasheet HTML 5Page - Texas Instruments TLV1012 Datasheet HTML 6Page - Texas Instruments TLV1012 Datasheet HTML 7Page - Texas Instruments TLV1012 Datasheet HTML 8Page - Texas Instruments TLV1012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FEATURES
APPLICATIONS
GND
OUTPUT
INPUT
GND
YDC PACKAGE
(TOP VIEW)
B2
A1
A2
B1
DESCRIPTION/ORDERING INFORMATION
TLV1012
www.ti.com .......................................................................................................................................... SLCS154A – OCTOBER 2008 – REVISED NOVEMBER 2008
AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
• Cellular Phones
• Supply Voltage: 2 V to 5 V
• Headsets
• Supply Current: <180 µA
• Mobile Communications
• Signal-to-Noise Ratio (A-Weighted): 60 dB
• Automotive Accessories
• Output Voltage Noise (A-Weighted): −89 dBV
• PDAs
• Total Harmonic Distortion: 0.013%
• Accessory Microphone Products
• Voltage Gain: 15.6 dB
The TLV1012 is an audio amplifier series for small-form-factor electret microphones. This two-wire amplifier is
designed to replace JFET amplifiers currently in use. The TLV1012 is ideally suited for applications that require
high signal integrity in the presence of ambient or RF noise, such as in cellular communications. The TLV1012
audio amplifier is specified for operation over a 2.2-V to 5-V supply voltage range with a fixed gain of 15.6 dB.
The device offers excellent THD, gain accuracy, and temperature stability compared to JFET microphones.
The TLV1012 enables a two-pin electret microphone solution, which provides direct pin-to-pin compatibility with
the existing JFET market.
The TLV1012 is offered in a space-saving four-terminal ultra-thin lead-free package (YDC) and is ideally suited
for the form factor of miniature electret microphone packages. The TLV1012 is characterized for operation over a
free-air temperature range of –40°C to 85°C.
ORDERING INFORMATION(1)
TA
AV
(2)
PACKAGE(3)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
NanoStar™ WCSP
–40°C to 85°C
15.6 dB
Reel of 3000
TLV1012-15YDCR
Y38
(DSBGA) – YDC
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Typical value measured at VDD = 2.2 V, VIN = 18 mV, RL = 2.2 kΩ, CL = 2.2 µF
(3)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV1012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
TLV1018-15YDCR TI-TLV1018-15YDCR Datasheet
620Kb / 12P
AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
TLV1018-25YDCR TI-TLV1018-25YDCR Datasheet
620Kb / 12P
AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
More results

Similar Description - TLV1012

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1012-07 NSC-LMV1012-07 Datasheet
88Kb / 3P
Analog Pre-Amplified IC?셲 for High Gain Microphones
LMV1012 NSC-LMV1012 Datasheet
497Kb / 15P
Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
LMV1032-06 NSC-LMV1032-06 Datasheet
793Kb / 12P
Amplifiers for 3 Wire Analog Electret Microphones
LMV1031-20 NSC-LMV1031-20 Datasheet
690Kb / 10P
Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1015 NSC-LMV1015 Datasheet
698Kb / 11P
Built-in Gain IC?셲 for High Sensitivity 2-Wire Microphones
logo
Texas Instruments
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
LMV1031 TI1-LMV1031 Datasheet
726Kb / 12P
Amplifier for Internal 3-Wire Analog Microphones and External Preamplifier
LMV1032 TI1-LMV1032 Datasheet
840Kb / 14P
Amplifiers for 3-Wire Analog Electret Microphones
LMV1012 TI1-LMV1012 Datasheet
1Mb / 21P
LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
LMV1015 TI1-LMV1015 Datasheet
845Kb / 14P
LMV1015 Analog Series: Built-in Gain ICs for High Sensitivity 2-Wire Microphones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com