Electronic Components Datasheet Search
  English  ▼

X  

TUSB1106 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1106
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1106 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB1106 Datasheet HTML 11Page - Texas Instruments TUSB1106 Datasheet HTML 12Page - Texas Instruments TUSB1106 Datasheet HTML 13Page - Texas Instruments TUSB1106 Datasheet HTML 14Page - Texas Instruments TUSB1106 Datasheet HTML 15Page - Texas Instruments TUSB1106 Datasheet HTML 16Page - Texas Instruments TUSB1106 Datasheet HTML 17Page - Texas Instruments TUSB1106 Datasheet HTML 18Page - Texas Instruments TUSB1106 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
www.ti.com
V
pu(3.3)
SPEED
SOFTCON
RCV
VPO/VO
VP
VM
1.65Vto3.6V
System ASIC
D–
D+
1.5kW
V
BUS
V
CC(5.0)
OE
V
reg(3.3)
SUSPND
MODE
(A)
VMO/FSE0
V
CC(I/O)
0.1µF
3.3V
V
CC
33 W
33 W
0.1µF
0.1µF
TUSB1105/1106
GND
GND
GND
GND
GND
Peripheral-Side (Low-Speed) Regulator Bypass Mode
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818D – MAY 2006 – REVISED FEBRUARY 2008
A.
Only for TUSB1105
Figure 9. Peripheral-Side (Low-Speed) Regulator Bypass Mode
This mode is applicable when there is a 3.3-V supply already available on the board. The VBUS pin of the USB
connector, if left unused at the peripheral side, should be terminated with a 0.1-
µF capacitor. While operating at
low speed, the 1.5-k
Ω resistor must to be connected between the D– line and VPU(3.3) or an external 3.3-V
supply. When the VCC(5.0) and the Vreg(3.3) are connected together, the device operates at regulator bypass mode.
This enables power savings since the regulator is turned off.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TUSB1105 TUSB1106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com