Electronic Components Datasheet Search
  English  ▼

X  

TUSB2551 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB2551
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2551 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB2551 Datasheet HTML 1Page - Texas Instruments TUSB2551 Datasheet HTML 2Page - Texas Instruments TUSB2551 Datasheet HTML 3Page - Texas Instruments TUSB2551 Datasheet HTML 4Page - Texas Instruments TUSB2551 Datasheet HTML 5Page - Texas Instruments TUSB2551 Datasheet HTML 6Page - Texas Instruments TUSB2551 Datasheet HTML 7Page - Texas Instruments TUSB2551 Datasheet HTML 8Page - Texas Instruments TUSB2551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
TUSB2551
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
SCES667 – FEBRUARY 2008
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
RGT
PW
NAME
NO.
NO.
System interface supply voltage. Used to provide reference supply voltage for system I/O
VCC(I/O)
15
1
I
interface signaling.
Speed. Edge-rate control: A logic HIGH operates at edge rates for full-speed operation. A
SPEED
1
2
I
logic LOW operates at edge rates for low-speed operation.
RCV
2
3
O
Receive data. Output for USB differential data.
If OE = 1, VP = Receiver output (+)
VP
3
4
I/O
If OE = 0, VP = Driver input (+)
If OE = 1, VM = Receiver output (–)
VM
4
5
I/O
If OE = 0, VM = Driver input (–)
SOFTCON
5
6
I
Soft connect. Controls state of VPU(3.3). Refer to VPU(3.3) pin description for details.
GND
6
7
Ground reference
SUSPEND
7
8
I
Suspend. Active high. Turns off internal circuits to reduce supply current.
NC
8, 16
No internal connection
Output enable. Active low. Enables the transceiver to transmit data onto the bus. When
OE
9
9
I
inactive, the transceiver is in the receive mode.
D–, D+
10, 11
10, 11
I/O
Differential data lines conforming to the USB standard
3.3-V reference supply. Requires a minimum 0.1-
µF decoupling capacitor for stability. A
Vreg(3.3)
12
12
O
1-
µF capacitor is recommended.
Pullup supply voltage. Used to connect 1.5-k
Ω pullup speed detect resistor. If SOFTCON =
VPU(3.3)
13
13
O
1, VPU(3.3) is high impedance. If SOFTCON = 0, VPU(3.3) = 3.3 V.
VCC(5.0)
14
14
I
USB bus supply voltage. Used to power USB transceiver and internal circuitry.
FUNCTION SELECTION
SUSPEND
OE
D+, D–
RCV
VP, VM
FUNCTION
0
0
Driving
Active
Active
Normal transmit mode
0
1
Receiving
Active
Active
Normal receive mode
1
0
Hi-Z
0
Not active
Low power state
1
1
Hi-Z
0
Active
Receiving during suspend (low power state)(1)
(1)
During suspend, VP and VM are active in order to detect out-of-band signaling conditions.
TRUTH TABLE DURING NORMAL MODE
OE = 0
INPUT
OUTPUT
RESULT
VP
VM
D+
D–
RCV
0
0
0
0
X(1)
SE0
0
1
0
1
0
Logic 0
1
0
1
0
1
Logic 1
1
1
1
1
X(1)
Undefined
OE = 1
Input
Output
RESULT
D+
D–
VP
VM
RCV
0
0
0
0
X(1)
SE0
0
1
0
1
0
Logic 0
1
0
1
0
1
Logic 1
1
1
1
1
X(1)
Undefined
(1)
X = Undefined
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TUSB2551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com