Electronic Components Datasheet Search
  English  ▼

X  

ISL97671 Datasheet(PDF) 21 Page - Intersil Corporation

Part # ISL97671
Description  6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97671 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ISL97671 Datasheet HTML 17Page - Intersil Corporation ISL97671 Datasheet HTML 18Page - Intersil Corporation ISL97671 Datasheet HTML 19Page - Intersil Corporation ISL97671 Datasheet HTML 20Page - Intersil Corporation ISL97671 Datasheet HTML 21Page - Intersil Corporation ISL97671 Datasheet HTML 22Page - Intersil Corporation ISL97671 Datasheet HTML 23Page - Intersil Corporation ISL97671 Datasheet HTML 24Page - Intersil Corporation ISL97671 Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ISL97671
21
FN7631.0
June 24, 2010
Device Control Register (0x01)
This register has two bits that control either SMBus/I2C
controlled or external PWM controlled PWM dimming and
a single bit that controls the BL ON/OFF state. The
remaining bits are reserved. The bit assignment is shown
in Figure 31. All other bits in the Device Control Register
will read as low unless otherwise written.
• All reserved bits have no functional effect when
written.
• All defined control bits return their current, latched
value when read.
A value of 1 written to BL_CTL turns on the BL in 4ms or
less after the write cycle completes. The BL is
• deemed to be on when Bit 3 BL_STAT of Register 0x02
is 1 and Register 0x09 is not 0.
• A value of 0 written to BL_CTL immediately turns off the
BL. The BL is deemed to be off when Bit 3 BL_STAT of
Register 0x02 is 0 and Register 0x09 is 0.
• When SMBus/I2C mode with DPST is selected,
Register 0x00 reflects the last value written to it
from SMBus/I2C.
The default value for Register 0x01 is 0x00.
The PWM_SEL bit determines whether the SMBus/I2C or
PWM input should drive the output brightness in terms of
PWM dimming. When PWM_SEL bit is 1, the PWM drives
the output brightness regardless of what the PWM_MD is.
When the PWM_SEL bit is 0, the PWM_MD bit selects the
manner in which the PWM dimming is to be interpreted;
when this bit is 1, the PWM dimming is based on the
SMBus/I2C brightness setting. When this bit is 0, the
PWM dimming reflects a percentage change in the
current brightness programmed in the SMBus/I2C
Register 0x00, i.e. DPST (Display Power Saving
Technology) mode as:
Where:
Cbt = Current brightness setting from SMBus/I2C
Register 0x00 without influence from the PWM
PWM = is the percent duty cycle of the PWM
For example, the Cbt = 50% duty cycle programmed in
the SMBus/I2C Register 0x00 and the PWM frequency is
tuned to be 200Hz with an appropriate capacitor at the
FPWM pin. On the other hand, PWM is fed with a 1kHz
30% high PWM signal. When PWM_SEL = 0 and
PWM_MD = 0, the device is in DPST operation where
DPST brightness = 15% PWM dimming at 200Hz.
FIGURE 31. DESCRIPTIONS OF DEVICE CONTROL REGISTER
REGISTER 0x01
DEVICE CONTROL REGISTER
RESERVE
D
RESERVE
D
RESERVE
D
RESERVE
D
RESERVE
D
PWM_MD PWM_SEL
BL_CTL
Bit 7 (R/W) Bit 6 (R/W) Bit 5 (R/W) Bit 4 (R/W) Bit 3 (R/W) Bit 2 (R/W) Bit 1 (R/W) Bit 0 (R/W)
PWM_MD
PWM_SEL
BL_CTL
MODE
XX
0
Backlight Off
001
SMBus/I2C and PWM dimming (DPST)
0
1
1
PWMI controlled PWM dimming
101
SMBus/I2C controlled PWM dimming
111
SMBus/I2C controlled PWM dimming
TABLE 3. OPERATING MODES SELECTED BY DEVICE
CONTROL REGISTER BITS 1 AND 2
PWM_MD PWM_SEL
MODE
X
1
PWM Mode
10
SMBus/I2C Mode
00
SMBus/I2C and PWM Mode with DPST
DSPT Brightness
Cbt
PWM
×
=
(EQ.16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com