Electronic Components Datasheet Search
  English  ▼

X  

ATxmega128A4 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATxmega128A4
Description  8/16-bit XMEGA A4 Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATxmega128A4 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATxmega128A4 Datasheet HTML 45Page - ATMEL Corporation ATxmega128A4 Datasheet HTML 46Page - ATMEL Corporation ATxmega128A4 Datasheet HTML 47Page - ATMEL Corporation ATxmega128A4 Datasheet HTML 48Page - ATMEL Corporation ATxmega128A4 Datasheet HTML 49Page - ATMEL Corporation ATxmega128A4 Datasheet HTML 50Page - ATMEL Corporation ATxmega128A4 Datasheet HTML 51Page - ATMEL Corporation ATxmega128A4 Datasheet HTML 52Page - ATMEL Corporation ATxmega128A4 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
49
8069O–AVR–08/10
XMEGA A4
30. Pinout and Pin Functions
The pinout of XMEGA A4 is shown in ”Pinout/Block Diagram” on page 3. In addition to general
I/O functionality, each pin may have several functions. This will depend on which peripheral is
enabled and connected to the actual pin. Only one of the alternate pin functions can be used at
time.
30.1
Alternate Pin Functions Description
The tables below shows the notation for all pin functions available and describe their functions.
30.1.1
Operation/Power Supply
30.1.2
Port Interrupt functions
30.1.3
Analog functions
30.1.4
Timer/Counter and AWEX functions
VCC
Digital supply voltage
AVCC
Analog supply voltage
GND
Ground
SYNC
Port pin with full synchronous and limited asynchronous interrupt function
ASYNC
Port pin with full synchronous and full asynchronous interrupt function
ACn
Analog Comparator input pin n
AC0OUT
Analog Comparator 0 Output
ADCn
Analog to Digital Converter input pin n
DACn
Digital to Analog Converter output pin n
AREF
Analog Reference input pin
OCnx
Output Compare Channel x for Timer/Counter n
OCnx
Inverted Output Compare Channel x for Timer/Counter n
OCnxLS
Output Compare Channel x Low Side for Timer/Counter n
OCnxHS
Output Compare Channel x High Side for Timer/Counter n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com