Electronic Components Datasheet Search
  English  ▼

X  

ATxmega32A4 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATxmega32A4
Description  8/16-bit XMEGA A4 Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATxmega32A4 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATxmega32A4 Datasheet HTML 35Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 36Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 37Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 38Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 39Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 40Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 41Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 42Page - ATMEL Corporation ATxmega32A4 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
39
8069O–AVR–08/10
XMEGA A4
23. IRCOM - IR Communication Module
23.1
Features
• Pulse modulation/demodulation for infrared communication
• Compatible to IrDA 1.4 physical for baud rates up to 115.2 kbps
• Selectable pulse modulation scheme
– 3/16 of baud rate period
– Fixed pulse period, 8-bit programmable
– Pulse modulation disabled
• Built in filtering
• Can be connected to and used by one USART at a time
23.2
Overview
XMEGA contains an Infrared Communication Module (IRCOM) for IrDA communication with
baud rates up to 115.2 kbps. This supports three modulation schemes: 3/16 of baud rate period,
fixed programmable pulse time based on the Peripheral Clock speed, or pulse modulation dis-
abled. There is one IRCOM available which can be connected to any USART to enable infrared
pulse coding/decoding for that USART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com