Electronic Components Datasheet Search
  English  ▼

X  

ANXPLORER Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ANXPLORER
Description  EDA TOOL FOR SCHEMATIC LEVEL OPTIMIZATION OF ANALOG & RF CIRCUITS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANXPLORER Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ANXPLORER Datasheet HTML 1Page - List of Unclassifed Manufacturers ANXPLORER Datasheet HTML 2Page - List of Unclassifed Manufacturers ANXPLORER Datasheet HTML 3Page - List of Unclassifed Manufacturers ANXPLORER Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
methodology for the synthesis of custom analog circuits”, Proc.
ICCAD 2001, pp 350-357. Shown in figure 3.
Technology: IBM 0.5um BSIM3v3 models, obtained from
http://www.mosis.org/test
METRIC
SPECIFICATION
RESULT
Gain
≥ 68 dB
72.6 dB
Unity gain BW
≥ 255 MHz
697 MHz
Phase margin
≥ 52 degrees
56 degrees
CMRR
≥ 55 dB
56.2 dB
PSRR (Vdd)
≥ 80 dB
86.5 dB
Slew rate
≥ 250 V/us
403 V/us
Propagation delay
≤ 2 ns
1.13 ns
Area
≤ 24000 sq. micron
6000 sq. micron
Ultra wide-band OpAmp
Source: Advanced VLSI Design Lab, Indian Institute of Technol-
ogy, Kharagpur, shown in figure 4.
Technology: TSMC 0.18um BSIM3v3 models, obtained from
http://www.mosis.org/test
METRIC
SPECIFICATION
RESULT
Gain
≥ 60 dB
67.5 dB
Unity gain BW
≥ 2 GHz
2.18 GHz
Phase margin
≥ 50 degrees
55 degrees
ICMR
-
0.4 - 1.5 V
CMRR
-
86 dB
PSRR (Vdd)
-
83 dB
Settling time
-
3 ns
Static power
≤ 50 mW
46 mW
Table 2: Specification and optimization for ultra wide band
OpAmp
Missing entries in the specification column denote metrics which
were not part of the optimization objectives, but measured post
optimization.
High gain OpAmp
Source: Advanced VLSI Design Lab, Indian Institute of Technol-
ogy, Kharagpur, shown in figure 5.
Technology: TSMC 0.18um BSIM3v3 models, obtained from
http://www.mosis.org/test
Table 1: Specification and optimization for two stage OpAmp
- +
+ -
- +
+ -
node1
node2
node0
node3
node4
node5
node6
bias
node7
VinN
VinP
Vout
Vdd
gnd
M0
M10
M8
M7
M5
M6
M3
M4
M1
M2
Rz
- +
+ -
- +
+ -
node1
node2
node0
node3
node4
node5
node6
bias
node7
VinN
VinP
Vout
Vdd
gnd
nbiias
M0
M9
M10
M8
M7
M5
M6
M3
M4
M1
M2
Rz
Cc
Figure 5: High gain OpAmp schematic, with gain-booster stage
shown as a block.
AnXplorer: EDA Tool for Schematic Level Optimization of Analog & RF Circuits
Figure 3: Two stage OpAmp schematic
Figure 4: Ultra wide-band OpAmp schematic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com