Electronic Components Datasheet Search
  English  ▼

X  

BTA08 Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # BTA08
Description  Discrete Triacs(Non-Isolated/Isolated)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

BTA08 Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  BTA08 Datasheet HTML 1Page - Sirectifier Global Corp. BTA08 Datasheet HTML 2Page - Sirectifier Global Corp. BTA08 Datasheet HTML 3Page - Sirectifier Global Corp. BTA08 Datasheet HTML 4Page - Sirectifier Global Corp. BTA08 Datasheet HTML 5Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BTB/BTA08
Discrete Triacs(Non-Isolated/Isolated)
s
STANDARD (4 Quadrants)
STATIC CHARACTERISTICS
Note 1: minimum IGT is guaranted at 5% of IGT max.
Note 2: for both polarities of A2 referenced to A1
Symbol
Test Conditions
Quadrant
Value
Unit
IGT (1)
VD = 12 V
RL = 30
I - II - III
IV
MAX.
50
100
mA
VGT
ALL
MAX.
1.3
V
VGD
VD = VDRM R
L = 3.3
Tj = 125°C
ALL
MIN.
0.2
V
IH (2)
IT = 500 mA
MAX.
50
mA
IL
IG = 1.2 IGT
I - III - IV
MAX.
50
mA
II
100
dV/dt (2)
VD = 67 % VDRM gate open Tj = 125°C
MIN.
400
V/µs
(dV/dt)c (2) (dI/dt)c =3.5 A/ms
Tj = 125°C
MIN.
10
V/µs
Symbol
Test Conditions
Value
Unit
VTM (2)
ITM = 11 A
tp = 380 µs
Tj = 25°C
MAX.
1.55
V
Vto (2)
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd (2)
Dynamic resistance
Tj = 125°C
MAX.
50
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25°C
MAX.
5
µ
A
Tj = 125°C
1
mA
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
1.6
°C/W
Rth(j-a)
Junction to ambient
°C/W
60
PRODUCT SELECTOR
Part Number
Voltage (xxx)
Sensitivity
Type
Package
200 V
1000 V
BTB/BTA08
X
X
50 mA
Standard
TO-220AB
OTHER INFORMATION
Part Number
Marking
Weight
Base
quantity
Packing
mode
BTB/BTA08
BTB/BTA08
2.3 g
250
Bulk
Ω
Ω
~~



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com