Electronic Components Datasheet Search
  English  ▼

X  

FWSL310PT Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # FWSL310PT
Description  Power Schottky Rectifier - 30Amp 45Volt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

FWSL310PT Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  FWSL310PT Datasheet HTML 1Page - Sirectifier Global Corp. FWSL310PT Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
5
15
20
175
CASE TEMPERATURE (℃)
Figure 1. Forward Current Derating Curve
10
150
125
100
75
50
25
RESISTIVE OR
INDUCTIVE LOAD
R
L
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
300
150
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
2
0.001
0.01
0.1
1.0
10
100
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
TJ=25℃
TJ=75℃
TJ=125℃
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1.0
10
100
TJ=25℃
PULSE WIDTH 300us
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
4
10
100
100
1000
10000
TJ =25℃
f =1MHz
U.S.A.: sgc@sirectsemi.com Europe: ss@sirectsemi.com Philippines: aiac@sirectsemi.com Taiwan: se@sirectsemi.com
China: st@sirectsemi.com …. Korea: kse@sirectsemi.com
Sirectifier Global Corp., Delaware, U.S.A.
http:// www.sirectsemi.com
FWSL310PT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com