Electronic Components Datasheet Search
  English  ▼

X  

MBR2045CT Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # MBR2045CT
Description  Power Schottky Rectifier - 20Amp 45Volt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR2045CT Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  MBR2045CT Datasheet HTML 1Page - Sirectifier Global Corp. MBR2045CT Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 20Amp 45Volt
□
Features
-Plastic package has Underwriters Laboratory Flammability Classifications-94V-0
-High Junction Temperature Capability
-Low forward voltage, high current capability
-High surge capacity
-Low power loss, high efficiency
□
Application
-Switching-Mode Power Supply
□
Absolute maximum ratings
Symbol
Ratings
Unit
Conditions
IF(AV)
20
A
Average Forward Current
VRRM
45
V
Repetitive Peak Reverse
Voltage
IFSM
150
A
Peak Forward Surge Current
VF(max)
0.58
V
Forward Voltage Drop
Tj
-50 to +175
º
C
Operating Temperature
Tstg
-65 to +150
º
C
Storage Temperature
□
Electrical characteristics
Parameters
Symbol
Ratings
Conditions
Maximum Instantaneous
Forward Voltage
VF
0.70V
0.58V
Tc = 25ºC
Tc = 125ºC
Maximum Reverse Leakage
Current
IR
0.01mA
10mA
Tc = 25ºC
Tc = 125ºC
Maximum Voltage Rate of
Change
dv/dt
10,000 V/μs
Rated VR
Typical Thermal Resistance,
Junction to Case
Rθ (j-c)
2.2 ºC/W
Per diode
Note: Pulse Test : 380μs pulse width, 2% duty cycle
August 2008 / Rev.6.1
TO-220AB
B
D
E
F
H
H
I
C
N
J
G
A
M
L
K
O
A1
A2
K
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.579
.606
14.70
15.40
B
.392
.411
9.95
10.45
C
.104
.116
2.65
2.95
D
.248
.272
6.30
6.90
E
.325
.350
8.25
8.90
F
.126
.157
3.20
4.00
G
.492
.551
12.50
14.00
H
.096
.108
2.45
2.75
I
.028
.039
0.70
1.00
J
.010
.022
0.25
0.55
K
.146
.157
3.70
4.00
L
.167
.187
4.25
4.75
M
.045
.057
1.15
1.45
N
.089
.114
2.25
2.90
O
.047
.055
1.20
1.40
E
L
E
C
T
R
O
N
I
C
MBR2045CT


Similar Part No. - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2045CT MOTOROLA-MBR2045CT Datasheet
135Kb / 6P
SWITCHMODE?? Power Rectifiers
logo
Diodes Incorporated
MBR2045CT DIODES-MBR2045CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
General Semiconductor
MBR2045CT GE-MBR2045CT Datasheet
81Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR2045CT MCC-MBR2045CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
MBR2045CT FAIRCHILD-MBR2045CT Datasheet
53Kb / 3P
Schottky Rectifiers
More results

Similar Description - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
FWSR310PT SIRECT-FWSR310PT Datasheet
117Kb / 2P
Power Schottky Rectifier - 30Amp 45Volt
FWSR320PT SIRECT-FWSR320PT Datasheet
116Kb / 2P
Power Schottky Rectifier - 60Amp 45Volt
MBR20B45CTH SIRECT-MBR20B45CTH Datasheet
140Kb / 2P
Power Schottky Rectifier - 20Amp 45Volt
SBL20L45CT SIRECT-SBL20L45CT Datasheet
177Kb / 2P
Power Schottky Rectifier - 20Amp 45Volt
SBL30B45CTH SIRECT-SBL30B45CTH Datasheet
141Kb / 2P
Power Schottky Rectifier - 30Amp 45Volt
MBR40B45CTH SIRECT-MBR40B45CTH Datasheet
133Kb / 3P
Power Schottky Rectifier - 40Amp 45Volt
SBL20B45CTH SIRECT-SBL20B45CTH Datasheet
131Kb / 3P
Power Schottky Rectifier - 20Amp 45Volt
SBL20C45CTH SIRECT-SBL20C45CTH Datasheet
133Kb / 3P
Power Schottky Rectifier - 20Amp 45Volt
SBL20L45CTH SIRECT-SBL20L45CTH Datasheet
131Kb / 3P
Power Schottky Rectifier - 20Amp 45Volt
SBL30L45CT SIRECT-SBL30L45CT Datasheet
148Kb / 4P
Power Schottky Rectifier - 30Amp 45Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com