Electronic Components Datasheet Search
  English  ▼

X  

MBR20120CT Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # MBR20120CT
Description  Power Schottky Rectifier - 20Amp 120Volt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR20120CT Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  MBR20120CT Datasheet HTML 1Page - Sirectifier Global Corp. MBR20120CT Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
http:// www.sirectsemi.com
.01
0.3
0.4
0.6
0.7
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 1. Typical Forward Characteristics
0.8
0.2
0.5
.02
.04
.06
.1
.2
.4
.6
1
2
4
6
10
20
40
60
100
25℃
.001
50
75
125
150
PERCENT OF RATED PEAK REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Characteristics
175
20
100
.002
.01
.02
.04
.06
.1
.2
.4
.6
1
2
4
6
10
.004
.006
TA=25℃
0
5
15
20
175
CASE TEMPERATURE (ºC)
Figure 3. Forward Current Derating Curve
10
150
125
100
75
50
25
RESISTIVE OR
INDUCTIVE LOAD
NUMBER OF CYCLES AT 60Hz
Figure 4. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
150
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
120
60
30
90
MBR20120CT
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com …Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com