Electronic Components Datasheet Search
  English  ▼

X  

MBR30100CT Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # MBR30100CT
Description  Power Schottky Rectifier - 30Amp 100Volt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR30100CT Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  MBR30100CT Datasheet HTML 1Page - Sirectifier Global Corp. MBR30100CT Datasheet HTML 2Page - Sirectifier Global Corp. MBR30100CT Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
http:// www.sirectsemi.com
1
10
0
1
2
2.5
FORWARD VOLTAGE DROP, VFM(V)
Figure 1. Max. Forward Voltage Drop
Characteristics (PerLeg)
1.5
0.5
100
1000
TJ=25ºC
TJ=75ºC
TJ=125ºC
100
1000
0
40
80
REVERSE VOLTAGE, VR(V)
Figure 3. Typical Junction Capacitance Vs.
Reverse Voltage (PerLeg)
60
20
TJ=25℃
100
Figure 2. Typical Values Of Reverse Current
Vs. Reverse Voltage (PerLeg)
0
40
80
60
20
100
0.0001
REVERSE VOLTAGE, VR(V)
0.001
0.01
0.1
1
10
100
TJ=175℃
TJ=150℃
TJ=125℃
TJ=100℃
TJ=25℃
TJ=50℃
TJ=75℃
0.001
0.0000
1
0.01
t1, RECTANGULAR PULSE DURATION (SECONDS)
Figure 4. Max. Thermal Impedance Z thJC Characteristics (PerLeg)
SINGLE PULSE
(THERMAL RESISTANCE)
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Notes:
1.Duty factor D = t1 / t2
2.Peak Tj = PDM x ZthJC + TC
PDM
t2
t1
MBR30100CT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com