Electronic Components Datasheet Search
  English  ▼

X  

MBR20100CT Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # MBR20100CT
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR20100CT Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  MBR20100CT Datasheet HTML 1Page - Sirectifier Global Corp. MBR20100CT Datasheet HTML 2Page - Sirectifier Global Corp. MBR20100CT Datasheet HTML 3Page - Sirectifier Global Corp. MBR20100CT Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Material Safety Data Sheet
Schottky Barrier Diode –MBR20100CT
PAGE 1
1. Supplier Material
Product name:
Schottky Barrier Diode.
Part number:
MBR20100CT
Supplier:
SIRECTIFIER ELECTRONIC CO., LTD.
Tel:
.
+886-2-2698-3658..
Fax:
+886-2-2698-3656.
2. Composition/ Information On Ingredients
Material name: Schottky Barrier Diode
Main material harmful ingredient: Not applicable
CAS No. : As below
Content %: As below
Chemistry type:
Ingredient name
CAS No.
Concentration (Content %).
Cu
7740-50-8
45.19620
Fe
7439-89-6
0.04525
P
7723-14-0
0.00142
Ag
7440-22-4
0.01886
Si
7440-21-3
7.65600
B
7637-07-2
0.00053
Sn
7440-31-35
0.00378
Ni
7440-02-0
0.00872
Al
7429-90-5
0.02216
Epoxy
29690-82-2
39.07370
Others
---------------
7.97338
E
L
E
C
T
R
O
N
I
C
Sirectifier Global Corp., Delaware, U.S.A.
Sales Representatives:
U.S.A. -
Center in the City of Newark,
e-mail: sgc@sirectsemi.com
113 Barksdale Professional
China -
Room.708,Building,23,Fenherili
Garden Renmingnan Rd.,
e-mail: silicontek@ic37.com
Taiwan -
5F, NO. 316, Chongyang Rd.,
Nangang Chiu, Taipei, Taiwan
e-mail: se@sirectsemi.com
Rd., Huaykwang, Bangkok
10310, Thailand
29/123 F.8 Siam Condo. Rama 9
e-mail: th@sirectsemi.com
Thailand -
www.sirectsemi.com
County of New Castle, Delaware
Longhua district, Shenzhen


Similar Part No. - MBR20100CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR20100CT MOTOROLA-MBR20100CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Diodes Incorporated
MBR20100CT DIODES-MBR20100CT Datasheet
64Kb / 2P
20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30019 Rev. C-2
logo
Micro Commercial Compon...
MBR20100CT MCC-MBR20100CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
International Rectifier
MBR20100CT IRF-MBR20100CT Datasheet
206Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
More results

Similar Description - MBR20100CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com