Electronic Components Datasheet Search
  English  ▼

X  

2SC5374 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5374
Description  VHF to UHF Band OSC, High-Frequency Amp Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5374 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5374 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5374 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5374 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5374 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5374 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - 2SC5374

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5374A SANYO-2SC5374A Datasheet
61Kb / 6P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
logo
ON Semiconductor
2SC5374A ONSEMI-2SC5374A Datasheet
528Kb / 8P
RF Transistor 10V, 100mA, fT=5.2GHz, NPN Single SMCP
August, 2013
2SC5374A-TL-E ONSEMI-2SC5374A-TL-E Datasheet
528Kb / 8P
RF Transistor 10V, 100mA, fT=5.2GHz, NPN Single SMCP
August, 2013
logo
Sanyo Semicon Device
2SC5374A SANYO-2SC5374A_12 Datasheet
534Kb / 8P
VHF to UHF Band OSC, High-Frequency Amplifi er Applications
More results

Similar Description - 2SC5374

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4364 SANYO-2SC4364 Datasheet
114Kb / 5P
VHF. UHF/MIX. OSC. Low-Voltage High-Frequency Amp Applications
2SC4365 SANYO-2SC4365 Datasheet
114Kb / 5P
VHF. UHF/MIX. OSC. Low-Voltage High-Frequency Amp Applications?
2SC4871 SANYO-2SC4871 Datasheet
110Kb / 4P
UHF to S Band Low-Noise Amp, OSC Applications?
2SC5276 SANYO-2SC5276 Datasheet
144Kb / 5P
UHF to S Band Low-Noise Amp, OSC Applications??????
2SC5375 SANYO-2SC5375 Datasheet
134Kb / 5P
VHF to UHF Band OSC, High-Frequency Amp Applications?
2SC5538 SANYO-2SC5538 Datasheet
36Kb / 4P
VHF to UHF OSC, High-Frequency Amplifier Applications
2SC5375A SANYO-2SC5375A Datasheet
61Kb / 6P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5374A SANYO-2SC5374A Datasheet
61Kb / 6P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5538A SANYO-2SC5538A Datasheet
54Kb / 5P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5374A SANYO-2SC5374A_12 Datasheet
534Kb / 8P
VHF to UHF Band OSC, High-Frequency Amplifi er Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com