Electronic Components Datasheet Search
  English  ▼

X  

2SC5415 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC5415
Description  High-Frequency Low-Noise Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5415 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5415 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5415 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5415 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5415 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5415 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5415 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC5415
No.5911–5/6
VCE=5V, IC=10mA, ZO=50Ω
VCE=5V, IC=30mA, ZO=50Ω
VCE=5V, IC=50mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
11
0
6
.
04
.
8
5
–8
6
4
.
8
19
.
3
3
13
3
0
.
07
.
5
65
6
7
.
01
.
5
2
–
0
0
23
1
4
.
04
.
2
9
–3
4
0
.
2
11
.
2
1
19
4
0
.
00
.
1
63
0
6
.
07
.
0
3
–
0
0
45
7
2
.
07
.
2
3
1
–3
0
7
.
64
.
2
98
7
0
.
03
.
3
69
0
5
.
08
.
6
3
–
0
0
60
4
2
.
09
.
7
5
1
–1
4
6
.
43
.
1
87
0
1
.
08
.
4
60
7
4
.
09
.
5
4
–
0
0
88
2
2
.
09
.
9
7
1
–6
3
5
.
39
.
1
77
3
1
.
06
.
4
68
3
4
.
08
.
6
5
–
0
0
0
11
2
2
.
07
.
4
6
19
8
8
.
28
.
4
68
6
1
.
06
.
3
68
0
4
.
03
.
9
6
–
0
0
2
12
3
2
.
06
.
1
5
12
6
4
.
22
.
7
59
9
1
.
05
.
1
61
7
3
.
09
.
3
8
–
0
0
4
18
3
2
.
06
.
0
4
14
5
1
.
20
.
1
59
2
2
.
05
.
9
54
3
3
.
06
.
0
0
1
–
0
0
6
19
4
2
.
01
.
1
3
14
2
9
.
18
.
4
49
5
2
.
03
.
7
58
9
2
.
01
.
0
2
1
–
0
0
8
17
5
2
.
09
.
0
2
10
4
7
.
18
.
8
30
9
2
.
06
.
4
55
6
2
.
05
.
3
4
1
–
0
0
0
22
6
2
.
05
.
1
1
19
8
5
.
16
.
3
32
2
3
.
06
.
1
56
4
2
.
06
.
0
7
1
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
13
7
3
.
04
.
9
7
–9
9
7
.
4
24
.
0
2
16
2
0
.
06
.
7
68
9
5
.
08
.
6
3
–
0
0
25
4
2
.
08
.
4
1
1
–0
9
1
.
4
15
.
2
0
13
4
0
.
05
.
9
68
1
4
.
02
.
9
3
–
0
0
43
8
1
.
03
.
4
5
1
–2
7
4
.
76
.
7
87
7
0
.
08
.
1
71
3
3
.
05
.
8
3
–
0
0
64
7
1
.
08
.
5
7
1
–2
0
1
.
55
.
8
72
1
1
.
09
.
0
70
1
3
.
03
.
1
4
–
0
0
87
7
1
.
08
.
3
6
12
7
8
.
34
.
0
77
4
1
.
07
.
8
65
0
3
.
03
.
6
4
–
0
0
0
17
7
1
.
02
.
0
5
18
5
1
.
31
.
4
61
8
1
.
01
.
6
68
0
3
.
00
.
1
5
–
0
0
2
10
9
1
.
03
.
9
3
11
8
6
.
24
.
7
55
1
2
.
08
.
2
63
1
3
.
00
.
7
5
–
0
0
4
17
9
1
.
05
.
9
2
13
4
3
.
26
.
1
57
4
2
.
06
.
9
57
1
3
.
04
.
2
6
–
0
0
6
19
0
2
.
02
.
1
2
10
9
0
.
29
.
5
49
7
2
.
07
.
6
51
2
3
.
08
.
7
6
–
0
0
8
17
1
2
.
06
.
1
1
12
9
8
.
13
.
0
49
0
3
.
03
.
3
57
2
3
.
06
.
3
7
–
0
0
0
22
2
2
.
06
.
2
0
17
2
7
.
12
.
5
30
4
3
.
09
.
9
43
3
3
.
09
.
8
7
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
18
0
3
.
08
.
2
9
–0
7
4
.
5
20
.
6
1
14
2
0
.
02
.
9
63
4
5
.
08
.
6
3
–
0
0
21
2
2
.
07
.
9
2
1
–6
2
1
.
4
17
.
9
91
4
0
.
01
.
2
79
8
3
.
04
.
6
3
–
0
0
40
9
1
.
07
.
5
6
1
–7
5
3
.
79
.
5
86
7
0
.
08
.
3
74
2
3
.
03
.
5
3
–
0
0
69
8
1
.
00
.
6
7
12
1
0
.
54
.
7
71
1
1
.
05
.
2
79
0
3
.
08
.
8
3
–
0
0
85
9
1
.
06
.
8
5
10
0
8
.
34
.
9
66
4
1
.
09
.
9
67
0
3
.
02
.
4
4
–
0
0
0
15
9
1
.
05
.
6
4
17
9
0
.
32
.
3
60
8
1
.
02
.
7
61
1
3
.
03
.
9
4
–
0
0
2
19
0
2
.
08
.
6
3
10
3
6
.
25
.
6
54
1
2
.
07
.
3
67
1
3
.
06
.
5
5
–
0
0
4
16
1
2
.
08
.
7
2
10
0
3
.
28
.
0
56
4
2
.
05
.
0
61
2
3
.
03
.
1
6
–
0
0
6
17
2
2
.
09
.
9
1
10
5
0
.
21
.
5
49
7
2
.
05
.
7
55
2
3
.
09
.
6
6
–
0
0
8
17
3
2
.
00
.
1
1
17
5
8
.
14
.
9
30
1
3
.
01
.
4
51
3
3
.
08
.
2
7
–
0
0
0
21
4
2
.
02
.
2
0
15
9
6
.
15
.
4
31
4
3
.
05
.
0
57
3
3
.
03
.
8
7
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com