Electronic Components Datasheet Search
  English  ▼

X  

2SC5417 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5417
Description  Inverter Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5417 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5417 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5417 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5417 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5417 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5417
Ordering number : EN5817
Inverter Lighting Applications
NPN Triple Diffused Planar Silicon Transistor
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
51598TS (KOTO) TA-1043 No.5817-1/4
Package Dimensions
unit: mm
2079B-TO220FI (LS)
[2SC5417]
SANYO : TO220FI (LS)
1 : Base
2 : Collector
3 : Emitter
10.0
0.9
1.2
0.75
4.5
2.8
0.7
2.55
2.55
1
2
3
3.2
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
1200
V
Collector-to-Emitter Voltage
VCEO
600
V
Emitter-to-Base Voltage
VEBO
9V
Collector Current
IC
3A
Collector Current (Pulse)
ICP
6A
Collector Dissipation
PC
2W
Tc=25°C
25
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=600V, IE=0
10
µA
Collector Cutoff Current
ICES
VCE=1200V, RBE=0
1.0
mA
Collector Sustain Voltage
VCEO(sus)
IC=100mA, IB=0
600
V
Emitter Cutoff Current
IEBO
VEB=9V, IC=0
1.0
mA
C-E Saturation Voltage
VCE(sat)
IC=1.5A, IB=0.3A
1.0
V
B-E Saturation Voltage
VBE(sat)
IC=1.5A, IB=0.3A
1.5
V
DC Current Gain
hFE(1)
VCE=5V, IC=0.1A
30
40
50
hFE(2)
VCE=5V, IC=1.0A
10
Storage Time
tstg
IC=1.5A, IB1=0.3A, IB2=–0.6A
2.5
µs
Fall Time
tf
IC=1.5A, IB1=0.3A, IB2=–0.6A
0.15
µs
Features
• High breakdown voltage.
• High reliability (Adoption of HVP process).
• Adoption of MBIT process.


Similar Part No. - 2SC5417

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC5417 SAVANTIC-2SC5417 Datasheet
237Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5417 JMNIC-2SC5417 Datasheet
182Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC5417 ISC-2SC5417 Datasheet
155Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5417 SAVANTIC-2SC5417 Datasheet
239Kb / 4P
Silicon NPN Power Transistors
logo
Sanyo Semicon Device
2SC5417LS SANYO-2SC5417LS Datasheet
44Kb / 4P
Inverter Lighting Applications
More results

Similar Description - 2SC5417

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5264LS SANYO-2SC5264LS Datasheet
42Kb / 4P
Inverter Lighting Applications
2SC5265 SANYO-2SC5265 Datasheet
85Kb / 3P
Inverter-controlled Lighting Applications
2SC5304LS SANYO-2SC5304LS Datasheet
43Kb / 4P
Inverter Lighting Applications
2SC5305LS SANYO-2SC5305LS Datasheet
42Kb / 4P
Inverter Lighting Applications
2SC5416 SANYO-2SC5416 Datasheet
46Kb / 4P
Inverter Lighting Applications
2SC5420 SANYO-2SC5420 Datasheet
41Kb / 4P
Inverter Lighting Applications
2SC5265LS SANYO-2SC5265LS Datasheet
37Kb / 4P
Inverter-Controlled Lighting Applications
2SC5417LS SANYO-2SC5417LS Datasheet
44Kb / 4P
Inverter Lighting Applications
TS7920 SANYO-TS7920 Datasheet
40Kb / 4P
For Inverter Lighting Equipment
logo
STMicroelectronics
AN3105 STMICROELECTRONICS-AN3105 Datasheet
3Mb / 30P
lighting applications
28-Sep-2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com