Electronic Components Datasheet Search
  English  ▼

X  

SC1202 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1202
Description  600mA Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1202 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1202 Datasheet HTML 1Page - Semtech Corporation SC1202 Datasheet HTML 2Page - Semtech Corporation SC1202 Datasheet HTML 3Page - Semtech Corporation SC1202 Datasheet HTML 4Page - Semtech Corporation SC1202 Datasheet HTML 5Page - Semtech Corporation SC1202 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
 2008 Semtech Corp.
www.semtech.com
SC1202
POWER MANAGEMENT
Outline Drawing - SOT-223
.004
0.10
bbb
C B A
REFERENCE JEDEC STD TO-261, VARIATION AA.
4.
A1
3X b
E1
E
INCHES
b
L
bbb
aaa
01
N
E
e
E1
c
D
b1
DIM
A1
A2
A
MIN
MAX
MILLIMETERS
MIN
DIMENSIONS
NOM MAX
4
SEE DETAIL
A
1
N
.256
.276
.264
.025
-
4
7.00
6.70
6.50
.033 0.65
0.85
-
6.30
.248
0°
-
.003
.030
.009
-
.059
.000
-
-
-
.063
0.08
10°
0°
-
10°
1.60
.014
0.75
0.23
.070
.067
.004 0.02
1.50
-
0.35
-
0.10
1.80
1.70
-
-
2.30 BSC
.090 BSC
SEATING
bbb
C B A
A
A2
B
e1
PLANE
3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
-B-
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
NOTES:
1.
2.
-A-
-H-
SIDE VIEW
e
b1
D
A
C
aaa C
H
0.25
GAGE
PLANE
DETAIL
A
L
01
.114
-
.124 2.90
-
3.15
3.70
3.50
3.30
.146
.138
.130
-
-
-
-
NOM
7.30
6.70
.287
.264
c
e1
.181 BSC
4.60 BSC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com