Electronic Components Datasheet Search
  English  ▼

X  

SC1565 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1565
Description  Very Low Dropout 1.5 Amp Regulator With Enable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1565 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1565 Datasheet HTML 6Page - Semtech Corporation SC1565 Datasheet HTML 7Page - Semtech Corporation SC1565 Datasheet HTML 8Page - Semtech Corporation SC1565 Datasheet HTML 9Page - Semtech Corporation SC1565 Datasheet HTML 10Page - Semtech Corporation SC1565 Datasheet HTML 11Page - Semtech Corporation SC1565 Datasheet HTML 12Page - Semtech Corporation SC1565 Datasheet HTML 13Page - Semtech Corporation SC1565 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
 2005 Semtech Corp.
www.semtech.com
SC1565
POWER MANAGEMENT
Outline Drawing - TO-263-5
Minimum Land Pattern - TO-263-5
.067 BSC
DETAIL
5
A
.326
.020
-
5
A
1.70 BSC
.380
8.28
.039
0.51
9.65
0.99
-
-
.070
.015
-
.000
-
-
15°
-
15°
.110
.029
1.78
0.38
.190
.010
0.00
0.74
2.79
-
0.25
4.83
-
-
DIMENSIONS "D" AND "E" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
CONTROLLING DIMENSIONS ARE IN INCHES (ANGLES IN DEGREES).
NOTES:
1.
2.
SIDE VIEW
e
1.14
.065
.045
-
1.65
-
--
8°
0°
8°
0°
.245
6.22
123
5
4
A
aaa
BA
PLANE
SEATING
B
.380
10.67
9.65
.420
--
-
-
1.68
.066
4.06
.160
-
-
-
-
-
-
-
-
-
-
0.25
.010
-
-
.270
--
6.86
--
PLATED COPPER
HEAT SPREADER
aaa
N
01
0
D1
H
L1
L
e
E1
E
c
D
c1
b
A1
A
DIM
MILLIMETERS
INCHES
DIMENSIONS
MIN NOM MAX MIN
MAX
NOM
b X N
(L1)
E1
D1
A1
A
0
E
E/2
L1
D
01
L
SEE DETAIL
c1
c
H
.575
-
.625 14.61
-
15.88
P
DIMENSIONS
MILLIMETERS
INCHES
H
Z
X
P
K
Y
G
DIM
.420
.140
.625
.042
.067
.360
.125
10.67
3.56
15.88
1.07
1.70
9.14
3.18
H
K
X
Y
Z
G
NOTES:
2. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
1. CONTROLLING DIMENSIONS ARE IN INCHES (ANGLES IN DEGREES).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com