Electronic Components Datasheet Search
  English  ▼

X  

2SC5420 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5420
Description  Inverter Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5420 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5420 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5420 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5420 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5420 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5420
No.5762-3/4
Collector-to-Emitter Voltage, VCE – V
Forward Bias A S O
Tc=25
°C
1Pulse
IC
ICP
Base Current, IB2 – A
SW Time – I B2
VCC=200V
IC=2.5A
IB1=0.5A
R load
tf
tstg
2
3
5
7
2
2
2
3
5
5
0.1
0.1
1.0
1.0
10
7
7
7
3
5
7
3
5
2
3
5
7
2
3
5
7
2
3
2
3
5
7
0.1
10
100
1.0
10
2
3
5
7
2
3
5
7
2
3
5
7
PT<50
µs
Collector-to-Emitter, VCE – V
Reverse Bias A S O
Ambient Temperature, Ta –
°C
Case Temperature, Tc –
°C
PC – Ta
PC – Tc
2
3
5
7
0.1
100
1000
1.0
10
2
3
5
7
2
3
5
7
2
3
5
7
2
3
0
0
20
40
60
100
80
160
140
120
0.4
0.8
1.2
1.6
1.75
2.0
0
0
20
40
60
100
80
160
140
120
10
20
30
50
40
60
L=200
µH
IB2=–1A
Tc=25
°C
1 pulse
N
o
he
at
sin
k



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com