Electronic Components Datasheet Search
  English  ▼

X  

SC2677B Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2677B
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677B Datasheet(HTML) 5 Page - Semtech Corporation

  SC2677B Datasheet HTML 1Page - Semtech Corporation SC2677B Datasheet HTML 2Page - Semtech Corporation SC2677B Datasheet HTML 3Page - Semtech Corporation SC2677B Datasheet HTML 4Page - Semtech Corporation SC2677B Datasheet HTML 5Page - Semtech Corporation SC2677B Datasheet HTML 6Page - Semtech Corporation SC2677B Datasheet HTML 7Page - Semtech Corporation SC2677B Datasheet HTML 8Page - Semtech Corporation SC2677B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2677B
EXP
EXP
EXP
EXP
EXPANDED PIN DESCRIPTION
ANDED PIN DESCRIPTION
ANDED PIN DESCRIPTION
ANDED PIN DESCRIPTION
ANDED PIN DESCRIPTION
Pin 1
Pin 1
Pin 1
Pin 1
Pin 1, 2
, 2
, 2
, 2
, 24:
4:
4:
4:
4: (CS2+, CS1+)
Current sense amplifier (for OCP protection) non-inverting
inputs.
Pin 2, 23:
Pin 2, 23:
Pin 2, 23:
Pin 2, 23:
Pin 2, 23: (CS2-, CS1-)
Current sense amplifier (for OCP protection) inverting
inputs.
Pin 3:
Pin 3:
Pin 3:
Pin 3:
Pin 3: (VREF)
Internal 0.5V reference. Connected to the + input of the
master channel error amplifier.
Pin 4:
Pin 4:
Pin 4:
Pin 4:
Pin 4: (FREQ)
External frequency adjustment. Connect a resistor to
AGND to set the switching frequency. Please see more
information in Application section.
Pin 5:
Pin 5:
Pin 5:
Pin 5:
Pin 5: (VCC)
Bias pin for the controller. Connect a ceramic decoupling
capacitor from this pin to AGND with minimum trace
length.
Pin 6:
Pin 6:
Pin 6:
Pin 6:
Pin 6: (+IN2)
“+” input of the slave error amplifier.
Pin 7, 18:
Pin 7, 18:
Pin 7, 18:
Pin 7, 18:
Pin 7, 18: (-IN2, -IN1)
“-” inputs of the error amplifiers.
Pin 8, 1
Pin 8, 1
Pin 8, 1
Pin 8, 1
Pin 8, 17
77
7
7::::: (COMP2, COMP1)
Compensation pins of the error amplifiers.
Pin 9, 1
Pin 9, 1
Pin 9, 1
Pin 9, 1
Pin 9, 16:
6:
6:
6:
6: (BST2, BST1)
Supply pins for the high side drivers. Usually connected
to bootstrap circuit.
Pin 1
Pin 1
Pin 1
Pin 1
Pin 10, 1
0, 1
0, 1
0, 1
0, 15:
5:
5:
5:
5: (DH2, DH1)
Gate drive pins for the top MOSFETs. Requires a small
series resistor.
Pin 1
Pin 1
Pin 1
Pin 1
Pin 11
11
1
1, 1
, 1
, 1
, 1
, 14:
4:
4:
4:
4: (DL2, DL1)
Gate drive pins for the bottom MOSFETs. Requires a
small series resistor.
Pin 12:
Pin 12:
Pin 12:
Pin 12:
Pin 12: (PGND)
Power GND. Return of the high side and low side gate
drivers.
Pin 1
Pin 1
Pin 1
Pin 1
Pin 13:
3:
3:
3:
3: (BSTC)
Supply pin for bottom MOSFET gate drivers.
Pin 19:
Pin 19:
Pin 19:
Pin 19:
Pin 19: (PHASING)
This pin controls the phase shift between master and
slave for optimum noise immunity. Use a resistive
divider from the FREQ pin (pin 2) to AGND, and connect
the tap of the resistive divider to pin 17. Please see
more information in Application section.
Pin 20:
Pin 20:
Pin 20:
Pin 20:
Pin 20: (SS/ENA)
Soft start pin. Connect a ceramic capacitor from this pin
to AGND, and there is an internal current source charg-
ing up this capacitor during soft start. The PWM opera-
tion can be disabled if this pin is pulled low.
Pin 2
Pin 2
Pin 2
Pin 2
Pin 21:
1:
1:
1:
1: (PWRGD)
Power good signal. This is an open collector output. It is
pulled low internally if output voltage is outside the
power good window.
Pin 22:
Pin 22:
Pin 22:
Pin 22:
Pin 22: (GND)
Analog GND. Return of the analog signals and bias of
the chip.
e
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D
)
1
()
1
( )
1
( )
1
()
1
(
e
g
a
k
c
a
Pe
g
a
k
c
a
P
e
g
a
k
c
a
P
e
g
a
k
c
a
Pe
g
a
k
c
a
P
T
R
T
S
T
I
B
7
7
6
2
C
S
)
2
()
2
( )
2
( )
2
()
2
(
4
2
-
P
O
S
S
T
T
R
T
E
T
B
7
7
6
2
C
S
)
2
()
2
( )
2
( )
2
()
2
(
P
D
E
4
2
-
P
O
S
S
T
1
-
B
V
E
B
7
7
6
2
C
Sd
r
a
o
B
n
o
i
t
a
u
l
a
v
E
e
r
a
h
S
t
n
e
r
r
u
C
2
-
B
V
E
B
7
7
6
2
C
Sd
r
a
o
B
n
o
i
t
a
u
l
a
v
E
l
e
n
n
a
h
C
l
a
u
D
Notes:
Notes:
Notes:
Notes:
Notes:
(1) Only available in tape and reel packaging. A reel con-
tains 2500 devices.
(2) Lead free package. Device is fully WEEE and RoHS
compliant.
Top View
(TSSOP-24 Pin)
Pin Configuration
Ordering Information
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com