Electronic Components Datasheet Search
  English  ▼

X  

SC4216 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4216
Description  Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4216 Datasheet(HTML) 7 Page - Semtech Corporation

  SC4216 Datasheet HTML 1Page - Semtech Corporation SC4216 Datasheet HTML 2Page - Semtech Corporation SC4216 Datasheet HTML 3Page - Semtech Corporation SC4216 Datasheet HTML 4Page - Semtech Corporation SC4216 Datasheet HTML 5Page - Semtech Corporation SC4216 Datasheet HTML 6Page - Semtech Corporation SC4216 Datasheet HTML 7Page - Semtech Corporation SC4216 Datasheet HTML 8Page - Semtech Corporation SC4216 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SC4216
7
Applications Information (continued)
Introduction
The SC4216 is intended for applications where high
current capability and very low dropout voltage are
required. It provides a very simple, low cost solution that
uses very little PCB real estate. Additional features include
an enable pin to allow for a very low power consumption
standby mode, and a fully adjustable output.
Component Selection
Input capacitor: A large bulk capacitance ≥ 10µF/A
(output load) should be closely placed to the input supply
pin of the SC4216 to ensure that Vin does not sag below
1.45V. Also a minimum of 4.7µF ceramic capacitor is rec-
ommended to be placed directly next to the Vin pin. This
allows for the device being some distance from any bulk
capacitance on the rail. Additionally, input droop due to
load transients is reduced, improving load transient
response. Additional capacitance may be added if required
by the application.
Output capacitor: A minimum bulk capacitance of ≥
10µF/A (output load), along with a 0.1µF ceramic decou-
pling capacitor is recommended. Increasing the bulk
capacitance will improve the overall transient response.
The use of multiple lower value ceramic capacitors in par-
allel to achieve the desired bulk capacitance will not cause
stability issues. Although designed for use with ceramic
output capacitors, the SC4216 is extremely tolerant of
output capacitor ESR values and thus will also work com-
fortably with tantalum output capacitors.
Noise immunity: In very electrically noisy environments,
it is recommended that 0.1µF ceramic capacitors be placed
from IN to GND and OUT to GND as close to the device
pins as possible.
Internal voltage selection: By connecting the FB pin to
GND, an internal resistor divider will regulate the output
voltage to 1.2V.
If the FB pin is connected directly to the VO pin, the output
voltage will be regulated to the 0.5V internal reference.
External voltage selection resistors: The use of 1%
resistors, and designing for a current ow ≥ 10µA is rec-
ommended to ensure a well regulated output (thus R2
≤50kΩ). A suitable value for R2 can be chosen in the range
of 1kΩ to 50kΩ. R1 can then be calculated from.
The highest output voltage achievable with external resis-
tors is 4V. An attempt to set a higher voltage may result in
V
FB(TH) not being exceeded which will force the device into
the 1.2V output mode.
The SC4216H does not have this limitation and is recom-
mended for applications requiring V
O above 3.8V.
Enable: Pulling this pin below 0.4V turns the regulator o ,
reducing the quiescent current to a fraction of its operat-
ing value. A pull up resistor up to 400kOhms should be
connected from this pin to the VIN pin in applications
where supply voltages of Vin < 1.9V are required. For
applications with higher voltages than 1.9V, EN pin could
be left open or connected to VIN.
Thermal Considerations
The power dissipation in the SC4216 is given by:
The allowable power dissipation will be dependant on the
thermal impedance achieved in the application. The derat-
ing curve below is valid for the thermal impedance speci-
ed in the Thermal Information section on page 3.
(
)
REF
REF
O
2
1
V
V
V
R
R
−
⋅
=
(
)
REF
REF
O
2
1
V
V
V
R
R
−
⋅
=
(
)
O
IN
O
D
V
V
I
P
−
⋅
≈
(
)
O
IN
O
D
V
V
I
P
−
⋅
≈



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com