Electronic Components Datasheet Search
  English  ▼

X  

AD8207 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8207
Description  Zero-Drift, High Voltage, Bidirectional Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8207 Datasheet(HTML) 3 Page - Analog Devices

  AD8207 Datasheet HTML 1Page - Analog Devices AD8207 Datasheet HTML 2Page - Analog Devices AD8207 Datasheet HTML 3Page - Analog Devices AD8207 Datasheet HTML 4Page - Analog Devices AD8207 Datasheet HTML 5Page - Analog Devices AD8207 Datasheet HTML 6Page - Analog Devices AD8207 Datasheet HTML 7Page - Analog Devices AD8207 Datasheet HTML 8Page - Analog Devices AD8207 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8207
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TOPR = −40°C to +125°C, V+ = 5 V or 3.3 V, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
GAIN
Initial
20
V/V
Accuracy over Temperature
−0.3
+0.3
%
TOPR
Gain vs. Temperature
−15
0
ppm/°C
TOPR
VOLTAGE OFFSET
Offset Voltage (RTI)1
±100
μV
25°C
Over Temperature (RTI)1
±400
μV
TOPR
Offset Drift
−1
+1
μV/°C
TOPR
INPUT
Input Impedance
Differential
240
kΩ
Common Mode
126
kΩ
Input Voltage Range
−4
+65
V
Common mode, continuous, V+ = 5 V, TOPR
−4
+35
V
Common mode continuous, V+ = 3.3 V, TOPR
250
mV
Differential2, V+ = 5 V
Common-Mode Rejection (CMRR)
80
90
dB
TOPR, f = dc to 20 kHz
OUTPUT
Output Voltage Range
0.02
V+ − 0.05
V
RL = 25 kΩ, TOPR
Output Resistance
2
Ω
DYNAMIC RESPONSE
Small-Signal −3 dB Bandwidth
150
kHz
TOPR
Slew Rate
1
V/μs
NOISE
0.1 Hz to 10 Hz, (RTI)1
20
μV p-p
Spectral Density, 1 kHz, (RTI)1
0.6
μV/√Hz
OFFSET ADJUSTMENT
Ratiometric Accuracy3
0.497
0.503
V/V
Divider to supplies, TOPR
Accuracy (RTO)4
±3
mV/V
Voltage applied to VREF1 and VREF2 in parallel,
TOPR
Output Offset Adjustment Range
0.02
V+ − 0.05
V
TOPR
VREF Input Voltage Range5
0.0
V+
V
VREF Divider Resistor Values
100
kΩ
POWER SUPPLY
Operating Range
4.5
5.5
V
RANGE (Pin 4) connected to GND6
3.3
4.5
V
RANGE (Pin 4) connected to V+7
Quiescent Current over Temperature
2.5
mA
VO = 0.1 V dc
Power Supply Rejection Ratio (PSRR)
80
dB
TEMPERATURE RANGE
For Specified Performance
−40
+125
°C
1 RTI = referred to input.
2 Input voltage range = ±125 mV with half-scale offset. The input differential range also depends on the supply voltage. The maximum input differential range can be
calculated by V+/20.
3 The offset adjustment is ratiometric to the power supply when VREF1 and VREF2 are used as a divider between the supplies.
4 RTO = referred to output.
5 The reference pins should be driven with a low impedance voltage source to maintain the specified accuracy of the AD8207.
6 With a 4.5 V to 5.5 V supply, the RANGE pin should be tied low. In this mode, the common-mode range of the AD8207 is −4 V to +65 V.
7 With a 3.3 V to 4.5 V supply, the RANGE pin should be tied to V+. In this mode, the common-mode range of the AD8207 is −4 V to +35 V. If a 4.5 V supply is used, the
user can tie RANGE high or low depending on the common-mode range needed in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com