Electronic Components Datasheet Search
  English  ▼

X  

AD9125BCPZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD9125BCPZ
Description  Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9125BCPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9125BCPZ Datasheet HTML 39Page - Analog Devices AD9125BCPZ Datasheet HTML 40Page - Analog Devices AD9125BCPZ Datasheet HTML 41Page - Analog Devices AD9125BCPZ Datasheet HTML 42Page - Analog Devices AD9125BCPZ Datasheet HTML 43Page - Analog Devices AD9125BCPZ Datasheet HTML 44Page - Analog Devices AD9125BCPZ Datasheet HTML 45Page - Analog Devices AD9125BCPZ Datasheet HTML 46Page - Analog Devices AD9125BCPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
AD9125
Rev. 0 | Page 43 of
56
Figure 68 shows the most basic DAC output circuitry. A pair of
resistors, RO, is used to convert each of the complementary output
currents to a differential voltage output, VOUT. Because the current
outputs of the DAC are high impedance, the differential driving
point impedance of the DAC outputs, ROUT, is equal to 2 × RO.
Figure 69 illustrates the output voltage waveforms.
RO
RO
VIP +
VIN –
VOUTI
IOUT1P
IOUT1N
RO
RO
VQP +
VQN –
VOUTQ
IOUT2P
IOUT2N
Figure 68. Basic Transmit DAC Output Circuit
VPEAK
VP
VOUT
VN
VCM
0
–VPEAK
Figure 69. Voltage Output Waveforms
The common-mode signal voltage, VCM, is calculated as
O
FS
CM
R
I
V
×
=
2
The peak output voltage, VPEAK, is calculated as
VPEAK = IFS × RO
With this circuit configuration, the single-ended peak voltage is
the same as the peak differential output voltage.
Transmit DAC Linear Output Signal Swing
To achieve optimum performance, the DAC outputs have a linear
output compliance voltage range that must be adhered to. The
linear output signal swing is dependent on the full-scale output
current, IOUTFS, and the common-mode level of the output.
Figure 70 and Figure 71 show the IMD performance vs. the
common-mode output voltage at various full-scale currents and
output frequencies.
–60
–65
–70
–75
–80
–85
–90
01
1.2
1.0
0.8
0.6
0.4
0.2
VCMD (V)
.4
20mA
10mA
30mA
Figure 70. IMD vs. Common-Mode Output Voltage (fOUT = 61 MHz,
RLOAD = 50 Ω differential, IFS = 10 mA, 20 mA, and 30 mA)
–50
–55
–60
–65
–70
–75
–80
–85
01
1.2
1.0
0.8
0.6
0.4
0.2
VCMD (V)
.4
20mA
10mA
30mA
Figure 71. IMD vs. Common-Mode Output Voltage (fOUT = 161 MHz,
RLOAD = 50 Ω differential, IFS = 10 mA, 20 mA, and 30 mA)
AUXILIARY DAC OPERATION
The AD9125 has two auxiliary DACs; one is associated with the
I path, and the other is associated with the Q path. These auxiliary
DACs can be used to compensate for dc offsets in the transmitted
signal. Each auxiliary DAC has a single-ended current that can sink
or source current into either the P or N output of the associated
transmit DAC. The auxiliary DAC structure is shown in Figure 72.
IOUTP
IOUTN
I DAC
AVDD3
AUX DAC
CURRENT
DIRECTION
AUX DAC
AUX DAC
SIGN
Figure 72. Auxiliary DAC Structure
The control registers for controlling the I and Q auxiliary DACs are
in Register 0x42, Register 0x43, Register 0x46, and Register 0x47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com