Electronic Components Datasheet Search
  English  ▼

X  

AD9550 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9550
Description  Integer-N Clock Translator for Wireline Communications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9550 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9550 Datasheet HTML 4Page - Analog Devices AD9550 Datasheet HTML 5Page - Analog Devices AD9550 Datasheet HTML 6Page - Analog Devices AD9550 Datasheet HTML 7Page - Analog Devices AD9550 Datasheet HTML 8Page - Analog Devices AD9550 Datasheet HTML 9Page - Analog Devices AD9550 Datasheet HTML 10Page - Analog Devices AD9550 Datasheet HTML 11Page - Analog Devices AD9550 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD9550
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
JITTER BANDWIDTH
12kHz TO 20MHz
50kHz TO 80MHz
JITTER (rms)
0.89ps
0.58ps
Figure 3. Phase Noise (fREF = 25 MHz, fOUT1 = 125 MHz)
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
JITTER BANDWIDTH
12kHz TO 20MHz
50kHz TO 80MHz
JITTER (rms)
1.32ps
0.41ps
Figure 4. Phase Noise (fREF = 25 MHz, fOUT1 = 156.25 MHz)
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
JITTER BANDWIDTH
12kHz TO 20MHz
50kHz TO 80MHz
JITTER (rms)
1.25ps
0.63ps
Figure 5. Phase Noise (fREF = 61.44 MHz, fOUT1 = 122.88 MHz)
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
JITTER BANDWIDTH
12kHz TO 20MHz
50kHz TO 80MHz
JITTER (rms)
0.73ps
0.51ps
Figure 6. Phase Noise (fREF = 77.76 MHz, fOUT1 = 622.08 MHz)
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
JITTER BANDWIDTH
12kHz TO 20MHz
50kHz TO 80MHz
JITTER (rms)
1.26ps
0.49ps
Figure 7. Phase Noise (fREF = 19.44 MHz, fOUT1 = 155.52 MHz)
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
JITTER BANDWIDTH
12kHz TO 20MHz
50kHz TO 80MHz
JITTER (rms)
1.27ps
0.54ps
Figure 8. Phase Noise (fREF = 8 kHz, fOUT1 = 155.52 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com