Electronic Components Datasheet Search
  English  ▼

X  

2SC5534 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5534
Description  UHF to S Band Low-Noise Amplifier, OSC Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5534 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5534 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5534 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Epitaxial Planar Silicon Transistor
UHF to S Band Low-Noise Amplifier,
OSC Applications
Ordering number:ENN6258
2SC5534
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
D1099TS (KOTO) TA-2426 No.6258–1/5
0.65 0.65
0.5
0.65
0.6
0.3
0.15
0 to 0.1
2.0
1
2
3
4
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2161
[2SC5534]
Features
· Low noise : NF=1.2dB typ (f=2GHz).
· High gain :
S21e2=10dB typ (f=2GHz).
· High cutoff frequency : fT=13GHz typ.
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Emitter
2 : Collector
3 : Emitter
4 : Base
SANYO : MCP4
Marking : RY
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
9V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
6V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
.
1V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
3A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
5
1W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
5
=
E 0
=0
.
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
1
=
C 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
5
=
C
A
m
0
1
=
0
90
0
2
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
G
fT
V E
C
I
,
V
5
=
C
A
m
0
1
=
0
13
1z
H
G
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Re
r
CV B
C
z
H
M
1
=
f
,
V
5
=
3
.
06
.
0F
p
n
i
a
G
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F
|
e
1
2
S
|
2 1
V E
C
I
,
V
5
=
C
z
H
G
2
=
f
,
A
m
0
1
=
80
1B
d
|
e
1
2
S
|
2 2
V E
C
I
,
V
1
=
C
z
H
G
2
=
f
,
A
m
3
=
8B
d
e
r
u
g
i
F
e
s
i
o
NF
NV E
C
I
,
V
5
=
C
z
H
G
2
=
f
,
A
m
5
=2
.
10
.
2B
d


Similar Part No. - 2SC5534

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5536 SANYO-2SC5536 Datasheet
35Kb / 4P
VHF Low-Noise Amplifier , OSC Applications
2SC5536A SANYO-2SC5536A Datasheet
56Kb / 5P
VHF Low-Noise Amplifier, OSC Applications
2SC5536A SANYO-2SC5536A Datasheet
511Kb / 7P
VHF Low-Noise Amplifier, OSC Applications
logo
ON Semiconductor
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
2SC5536A-TL-H ONSEMI-2SC5536A-TL-H Datasheet
503Kb / 7P
RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
More results

Similar Description - 2SC5534

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5647 SANYO-2SC5647 Datasheet
36Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5245A SANYO-2SC5245A Datasheet
63Kb / 6P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5277A SANYO-2SC5277A Datasheet
62Kb / 6P
UHF to S-Band Low-Noise Amplifier OSC Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5245A SANYO-2SC5245A_12 Datasheet
458Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5277A SANYO-2SC5277A_12 Datasheet
524Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
UHF to S-Band Low-Noise Amplifier, OSC Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com