Electronic Components Datasheet Search
  English  ▼

X  

AD9650-80EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9650-80EBZ
Description  16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9650-80EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9650-80EBZ Datasheet HTML 23Page - Analog Devices AD9650-80EBZ Datasheet HTML 24Page - Analog Devices AD9650-80EBZ Datasheet HTML 25Page - Analog Devices AD9650-80EBZ Datasheet HTML 26Page - Analog Devices AD9650-80EBZ Datasheet HTML 27Page - Analog Devices AD9650-80EBZ Datasheet HTML 28Page - Analog Devices AD9650-80EBZ Datasheet HTML 29Page - Analog Devices AD9650-80EBZ Datasheet HTML 30Page - Analog Devices AD9650-80EBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
AD9650
Rev. 0 | Page 27 of 44
100
40
50
60
70
80
90
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
COMMON-MODE VOLTAGE (V)
SFDR (dBc)
SNR (dBFS)
TYPICAL VCM
Figure 67. SNR/SFDR vs. Input Common Mode (VCM)
with fIN = 30.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com