Electronic Components Datasheet Search
  English  ▼

X  

ADP160 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP160
Description  Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP160 Datasheet(HTML) 1 Page - Analog Devices

  ADP160 Datasheet HTML 1Page - Analog Devices ADP160 Datasheet HTML 2Page - Analog Devices ADP160 Datasheet HTML 3Page - Analog Devices ADP160 Datasheet HTML 4Page - Analog Devices ADP160 Datasheet HTML 5Page - Analog Devices ADP160 Datasheet HTML 6Page - Analog Devices ADP160 Datasheet HTML 7Page - Analog Devices ADP160 Datasheet HTML 8Page - Analog Devices ADP160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Ultralow Quiescent Current,
150 mA, CMOS Linear Regulator
ADP160/ADP161
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow quiescent current
IQ = 560 nA with 0 μA load
IQ = 860 nA with 1 μA load
Stable with 1 μF ceramic input and output capacitors
Maximum output current: 150 mA
Input voltage range: 2.2 V to 5.5 V
Low shutdown current: <50 nA typical
Low dropout voltage: 195 mV @ 150 mA load
Initial accuracy: ±1%
Accuracy over line, load, and temperature: ±3.5%
15 fixed output voltage options: 1.2 V to 4.2 V
Adjustable output available
PSRR performance of 72 dB @ 100 Hz
Current limit and thermal overload protection
Logic-control enable
Integrated output discharge resistor
5-lead TSOT package
4-ball, 0.5 mm pitch WLCSP
APPLICATIONS
Mobile phones
Digital cameras and audio devices
Portable and battery-powered equipment
Post dc-to-dc regulation
Portable medical devices
TYPICAL APPLICATION CIRCUITS
NC = NO CONNECT
ADP160
1
2
3
5
4
1µF
1µF
VOUT = 1.8V
VIN = 2.3V
VOUT
NC
VIN
GND
EN
OFF
ON
Figure 1. 5-Lead TSOT ADP160 with Fixed Output Voltage, 1.8 V
1
2
3
5
4
1µF
1µF
VOUT = 3.2V
VIN = 4.2V
VOUT
ADJ
VIN
GND
EN
OFF
ON
ADP161
R1
R2
Figure 2. 5-Lead TSOT ADP161 with Adjustable Output Voltage, 3.2 V
VIN
VOUT
12
EN
GND
1µF
1µF
VOUT = 2.8V
VIN = 3.3V
TOP VIEW
(Not to Scale)
ADP160
A
B
OFF
ON
Figure 3. 4-Ball WLCSP ADP160 with Fixed Output Voltage, 2.8 V
GENERAL DESCRIPTION
The ADP160/ADP161 are ultralow quiescent current, low
dropout, linear regulators that operate from 2.2 V to 5.5 V and
provide up to 150 mA of output current. The low 195 mV dropout
voltage at 150 mA load improves efficiency and allows operation
over a wide input voltage range.
The ADP160/ADP161 are specifically designed for stable operation
with tiny 1 μF ± 30% ceramic input and output capacitors to
meet the requirements of high performance, space-constrained
applications.
The ADP160 is available in 15 fixed output voltage options,
ranging from 1.2 V to 4.2 V. The ADP160/ADP161 also include
a switched resistor to discharge the output automatically when
the LDO is disabled.
The ADP161 is available as an adjustable output voltage regulator.
It is only available in a 5-lead TSOT package.
Short-circuit and thermal overload protection circuits prevent
damage in adverse conditions. The ADP160 is available in a tiny
5-lead TSOT and a 4-ball, 0.5 mm pitch WLCSP package for the
smallest footprint solution to meet a variety of portable power
applications.


Similar Part No. - ADP160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1606 AD-ADP1606 Datasheet
520Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converters
7/14-Rev. C to Rev. D
ADP1606-1.8-EVALZ AD-ADP1606-1.8-EVALZ Datasheet
520Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converters
7/14-Rev. C to Rev. D
ADP1606ACPZN1.8-R7 AD-ADP1606ACPZN1.8-R7 Datasheet
520Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converters
7/14-Rev. C to Rev. D
ADP1607 AD-ADP1607 Datasheet
626Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607 AD-ADP1607 Datasheet
520Kb / 16P
2 MHz, Synchronous Boost DC-to-DC Converters
7/14-Rev. C to Rev. D
More results

Similar Description - ADP160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP121 AD-ADP121 Datasheet
986Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP150 AD-ADP150 Datasheet
620Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
logo
Texas Instruments
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com