Electronic Components Datasheet Search
  English  ▼

X  

2SC5537 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5537
Description  Low-Voltage, Low-Current High-frequency Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5537 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5537 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5537 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5537 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Epitaxial Planar Silicon Transistor
Low-Voltage, Low-Current
High-frequency Amplifier Applications
Ordering number:ENN6340
2SC5537
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
10700TS (KOTO) TA-2425 No.6340–1/3
0.25
0.2
1.4
0.45
1
3
2
0.1
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2159
[2SC5537]
Features
· Low voltage, low current operation : fT=5GHz typ.
(VCE=1V, IC=1mA) : S21e
2=7dB typ (f=1GHz).
: NF=2.6dB typ (f=1GHz).
· Ultrasmall, slim flat-lead package.
(1.4mm
× 0.8mm × 0.6mm)
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Base
2 : Emitter
3 : Collector
SANYO : SSFP
Marking : CN
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
2
1V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
6V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
.
1V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
5
1A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
8W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
5
=
E 0
=0
.
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
1
=
C 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
1
=
C
A
m
1
=
0
90
0
2
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
G
fT
V E
C
I
,
V
1
=
C
A
m
1
=
5z
H
G
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
1
=
5
5
.
09
.
0F
p
n
i
a
G
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F
|
e
1
2
S
|
2 1
V E
C
I
,
V
1
=
C
z
H
G
1
=
f
,
A
m
1
=
5
.
47
B
d
|
e
1
2
S
|
2 2
V E
C
I
,
V
2
=
C
z
H
G
1
=
f
,
A
m
3
=
5
.
0
1B
d
e
r
u
g
i
F
e
s
i
o
N
1
F
N
V E
C
I
,
V
1
=
C
z
H
G
1
=
f
,
A
m
1
=
6
.
25
.
4B
d
2
F
N
V E
C
I
,
V
2
=
C
z
H
G
1
=
f
,
A
m
3
=
9
.
1B
d


Similar Part No. - 2SC5537

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5534 SANYO-2SC5534 Datasheet
44Kb / 5P
UHF to S Band Low-Noise Amplifier, OSC Applications
2SC5536 SANYO-2SC5536 Datasheet
35Kb / 4P
VHF Low-Noise Amplifier , OSC Applications
2SC5536A SANYO-2SC5536A Datasheet
56Kb / 5P
VHF Low-Noise Amplifier, OSC Applications
2SC5536A SANYO-2SC5536A Datasheet
511Kb / 7P
VHF Low-Noise Amplifier, OSC Applications
logo
ON Semiconductor
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
More results

Similar Description - 2SC5537

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4853 SANYO-2SC4853 Datasheet
111Kb / 4P
Low-Voltage, Low-Current High-Frequency Amp Applications
2SC4854 SANYO-2SC4854 Datasheet
109Kb / 4P
Low-Voltage, Low-Current High-Frequency Amp Applications?
2SC4855 SANYO-2SC4855 Datasheet
110Kb / 4P
Low-Voltage, Low-Current & High-Frequency Amp Applications?
logo
Toshiba Semiconductor
2SC1815L TOSHIBA-2SC1815L Datasheet
142Kb / 4P
Audio Frequency Voltage Amplifier Applications Low Noise Amplifier Applications
logo
Sanyo Semicon Device
CPH5902 SANYO-CPH5902 Datasheet
66Kb / 6P
High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
2SC4853A SANYO-2SC4853A Datasheet
60Kb / 5P
Low-Voltage, Low-Current High-Frequency Amplifier Applications
MCH5908 SANYO-MCH5908 Datasheet
52Kb / 4P
High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
2SD1618 SANYO-2SD1618 Datasheet
181Kb / 3P
Low-Voltage High-Current Amplifier, Muting Applications
2SC4853A SANYO-2SC4853A_12 Datasheet
463Kb / 8P
Low-Voltage, Low-Current High-Frequency Amplifi er Applications
CPH5901 SANYO-CPH5901_12 Datasheet
534Kb / 8P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com