Electronic Components Datasheet Search
  English  ▼

X  

2SC5540 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5540
Description  UHF to S Band Low-Noise Amplifier and OSC Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5540 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5540 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5540 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5540 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Epitaxial Planar Silicon Transistor
UHF to S Band Low-Noise Amplifier
and OSC Applications
Ordering number:ENN6280
2SC5540
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
10700TS (KOTO) TA-1682 No.6280–1/3
0.25
0.2
1.4
0.45
1
3
2
0.1
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2159
[2SC5540]
Features
· High cutoff frequency : fT=10GHz typ.
· High gain :
S21e2=13dB typ (f=1GHz).
· Low noise : NF=1.3dB typ (f=1GHz).
· Small Cob : Cob=0.4pF typ.
· Ultrasmall, slim flat-lead package.
(1.4mm
× 0.8mm × 0.6mm)
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Base
2 : Emitter
3 : Collector
SANYO : SSFP
Marking : HN
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
6
1V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
8V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
.
1V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
2A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
0
1W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
1
=
E 0
=0
.
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
1
=
C 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
5
=
C
A
m
4
=
0
90
0
2
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
G
fT
V E
C
I
,
V
5
=
C
A
m
4
=
0
1z
H
G
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
=
4
.
07
.
0F
p
n
i
a
G
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
e
1
2
S
|
2
V E
C
I
,
V
5
=
C
z
H
G
1
=
f
,
A
m
7
=
0
13
1B
d
e
r
u
g
i
F
e
s
i
o
NF
N
V E
C
I
,
V
5
=
C
z
H
G
1
=
f
,
A
m
4
=
3
.
18
.
2B
d


Similar Part No. - 2SC5540

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SC554 JIANGSU-2SC554 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SC554 SECOS-2SC554 Datasheet
224Kb / 2P
NPN Plastic Encapsulated Transistor
logo
Nanjing International G...
2SC554 DGNJDZ-2SC554 Datasheet
1Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SC554-C SECOS-2SC554-C Datasheet
224Kb / 2P
NPN Plastic Encapsulated Transistor
logo
Sanyo Semicon Device
2SC5541 SANYO-2SC5541 Datasheet
44Kb / 5P
UHF to S Band Low-Noise Amplifier Applications
More results

Similar Description - 2SC5540

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5645 SANYO-2SC5645 Datasheet
32Kb / 6P
UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H06B SANYO-EC3H06B Datasheet
44Kb / 5P
UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H07B SANYO-EC3H07B Datasheet
33Kb / 6P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5647 SANYO-2SC5647 Datasheet
36Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5245A SANYO-2SC5245A Datasheet
63Kb / 6P
UHF to S-Band Low-Noise Amplifier OSC Applications
EC3H07BA SANYO-EC3H07BA Datasheet
99Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5245A SANYO-2SC5245A_12 Datasheet
458Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
UHF to S-Band Low-Noise Amplifier, OSC Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com